Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCPF1412M06 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCPF1412M06
Description  16V, 12A Switching Buck Regulator Module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCPF1412M06 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCPF1412M06 Datasheet HTML 3Page - Microchip Technology MCPF1412M06 Datasheet HTML 4Page - Microchip Technology MCPF1412M06 Datasheet HTML 5Page - Microchip Technology MCPF1412M06 Datasheet HTML 6Page - Microchip Technology MCPF1412M06 Datasheet HTML 7Page - Microchip Technology MCPF1412M06 Datasheet HTML 8Page - Microchip Technology MCPF1412M06 Datasheet HTML 9Page - Microchip Technology MCPF1412M06 Datasheet HTML 10Page - Microchip Technology MCPF1412M06 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
MCPF1412M06
Functional Description
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS60001885C - 7
• +9 – 7.15 kΩ
• +10 – 7.87 kΩ
• +11 – 8.66 kΩ
• +12 – 9.31 kΩ
• +13 – 10.2 kΩ
• +14 – 11 kΩ
• +15 – 12.1 kΩ
Note: Avoid using the 7-bit address 0x0C, as it corresponds to the Alert Response Address in the
SMBus™ protocol.
2.5.
Soft Start and Target Output Voltage
The MCPF1412M06 features an internal digital soft start circuit designed to manage the output
voltage rise-time and limit current surges during start-up. When VCC surpasses its start threshold
(VCC_UVLO(START)), the MCPF1412M06 exits reset mode, initiating the loading of non-volatile memory
contents into working registers and calculating the address offset as previously described. After
initialization, the internal soft start ramps up towards the set reference voltage at a rate specified by
the TON_RISE registers (associated with the TON_RISE command), provided the following conditions
are met:
1. A valid enable signal is detected, as defined by the Enable pin, Operation register,
ON_OFF_CONFIG register, input voltage PVIN, and PVIN UVLO threshold corresponding to the
VIN_ON registers.
2. The internal pre-charge circuit ensures balanced PVIN/2 voltages across all FETs when the device
begins switching.
During initial start-up, the MCPF1412M06 operates with minimal high-drive (HDrv) pulses until
the output voltage increases (refer to Switching frequency and minimum values for ON-time, OFF-
time). The ON time is increased until VOUT reaches the target value set by the VOUT_COMMAND
registers. For optimal start-up performance, it is recommended to use a 100Ω resistor connected
in parallel with the output capacitors (COUT). A minimum wait time of 600Ω × COUT is advised
between successive power or Enable cycling operations. For instance, with a 100Ω resistor across
four 47 μF output capacitors, a new Enable assertion should not occur until at least 78 ms (allowing
the reduction of capacitance at a bias of 1V - see Design Example) after disabling the MCPF1412M06.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com