Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2353 Datasheet (PDF) - Analog Devices

LTC2353 Datasheet PDF - Analog Devices
Part # LTC2353
Download  LTC2353 Download
File Size   669.64 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC2358/LTC2357/LTC2353/LTC2333:16-/18-Bit, Octal, Quad and Dual 200ksps/400ksps/600ksps/1Msps SAR ADCs

LTC2353 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2353 Datasheet PDF - Analog Devices

Part # LTC2353
Download  LTC2353 Click to download

File Size   669.64 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC2358/LTC2357/LTC2353/LTC2333:16-/18-Bit, Octal, Quad and Dual 200ksps/400ksps/600ksps/1Msps SAR ADCs

LTC2353 Datasheet (HTML) - Analog Devices


LTC2353 Product details

Description
Demonstration circuit 2365A highlights the LTC®2358
family of buffered input ADCs. The LTC2358/LTC2357/
LTC2353/LTC2333 are low noise, high speed, 16-/18-
bit successive approximation register (SAR) ADCs with
integrated front end buffers. These ADCs accept a wide
common mode range. Pico-amp inputs and high CMRR
enable these ADCs to connect directly to a wide range of
sensors without compromising measurement accuracy.
The following text refers to the LTC2358-18 but applies
to all parts in the family, the only differences being the
number of bits, number of channels and the maximum
sample rate. The LTC2358-18 has a flexible SoftSpan™
interface that allows conversion-by-conversion control of
the input voltage span on a per-channel basis. An internal
2.048V reference and 2X buffer simplify basic operation
while an external reference can be used to increase the
input range and the SNR of the ADC.
The DC2365A demonstrates the DC and AC performance of
the LTC2358-18 in conjunction with the DC590/DC2026 and
DC890 data collection boards. Use the DC590/DC2026 to
demonstrate DC performance such as peak-to-peak noise
and DC linearity. Use the DC890 if precise sampling rates
are required or to demonstrate AC performance such as
SNR, THD, SINAD and SFDR. The DC2365A is intended
to demonstrate recommended grounding, component
placement and selection, routing and bypassing for this
ADC. A simple driver circuit for the analog inputs is also
presented.




Similar Part No. - LTC2353

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2353 LINER-LTC2353 Datasheet
1Mb / 10P
16-/18-Bit, Octal, Quad and Dual 200ksps/350ksps/550ksps/800ksps SAR ADCs
LTC2353-16 LINER-LTC2353-16 Datasheet
2Mb / 38P
Buffered Dual, 16-Bit, 550ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2353-18 LINER-LTC2353-18 Datasheet
2Mb / 38P
Buffered Dual, 18-Bit, 550ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
More results


Similar Description - LTC2353

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Linear Technology
LTC2335 LINER-LTC2335 Datasheet
5Mb / 10P
16-/18-Bit, Octal 1Msps, SAR ADC
LTC2344 LINER-LTC2344 Datasheet
833Kb / 10P
16-/18-Bit, Octal 400ksps, SAR ADC
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
16-/18-Bit, Octal 200ksps, SAR ADC
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
16-/18-Bit, Octal 200ksps SAR ADCs
LTC2358 LINER-LTC2358 Datasheet
1Mb / 10P
16-/18-Bit, Octal, Quad and Dual 200ksps/350ksps/550ksps/800ksps SAR ADCs
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
12-Bit, 1MSPS SAR ADCs
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com