Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2353 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC2353
Description  LTC2358/LTC2357/LTC2353/LTC2333:16-/18-Bit, Octal, Quad and Dual 200ksps/400ksps/600ksps/1Msps SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2353 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC2353 Datasheet HTML 2Page - Analog Devices LTC2353 Datasheet HTML 3Page - Analog Devices LTC2353 Datasheet HTML 4Page - Analog Devices LTC2353 Datasheet HTML 5Page - Analog Devices LTC2353 Datasheet HTML 6Page - Analog Devices LTC2353 Datasheet HTML 7Page - Analog Devices LTC2353 Datasheet HTML 8Page - Analog Devices LTC2353 Datasheet HTML 9Page - Analog Devices LTC2353 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
dc2365af
DEMO MANUAL DC2365A
Dc2365a setup
DC Power
The DC2365A requires ±16VDC and draws +80mA/–6mA.
Most of the supply current is consumed by the CPLD,
regulators and discrete logic on the board. The ±16VDC
inputvoltagepowerstheADCthroughLT1763andLT1964
regulators which provide protection against accidental
reverse bias. Additional regulators provide power for the
CPLD and external reference.
Clock Source
You must provide a low jitter 2.5VP-P sine or square wave
to the clock input, J1. The clock input is AC coupled so the
DC level of the clock signal is not important. A generator
such as the Rohde & Schwarz SMB100A high speed clock
source is recommended to drive the clock input. Even a
good generator can start to produce noticeable jitter at low
frequencies.Thereforeitisrecommendedforlowersample
ratestodividedownahigherfrequencyclocktothedesired
sample rate. The ratio of clock frequency to conversion
rate is shown in Table 1. If the clock input is to be driven
with logic, it is recommended that the 49.9Ω termination
resistor (R4) be removed. Driving R4 with discrete logic
may result in slow rising edges. These slow rising edges
may compromise the SNR of the converter in the presence
of high-amplitude higher frequency input signals.
Data Output
Parallel data output from this board (0V to 2.5V default),
if not connected to the DC890, can be acquired by a logic
analyzer,andsubsequentlyimportedintoaspreadsheet,or
mathematical package depending on what form of digital
signal processing is desired. Alternatively, the data can
be fed directly into an application circuit. Use pin 50 of
P1 to latch the data. The data should be latched using the
negative edge of this signal. The data output signal levels
at P1 can also be increased to 0V to 3.3V if the application
circuit requires a higher voltage. This is accomplished by
moving JP2 to the 3.3V position.
Reference
The default reference is the LTC2358-18 internal 4.096V
reference. Alternatively, if a higher reference voltage is de-
sired,theLTC6655-5reference(U7)canbeusedbysetting
the REF jumper (JP1) to the EXT position and installing a
0Ω resistor in the R7 position as shown in Figure 4. This
should result in better SNR performance but may slightly
degrade the THD performance of the LTC2358-18.
V+
5V
C13
1µF
C12
2.2µF
C15
1µF 50V
C11
47µF 10V
1210
X7R
REFIN
REFBUF
19
21
R7
0
REFBUF
REFBUF
E1
DC2365 F04
SHDN
VIN
GND
GND
GND
VOUT_F
VOUT_S
GND
8
7
6
5
1
2
3
4
U7
LTC6655BHMS8-5
1
2
3
INT
EXT
JP1
REF
Figure 4. External Reference Option for DC2365A
Analog Inputs
All eight inputs have the same driver circuitry. An example
of the default driver circuit for the analog inputs of the
LTC2358-18 on the DC2365A is shown in Figure 5. The
circuit of Figure 5 provides a pseudo-differential output to
channel 0 of the LTC2358-18 with a maximum ±10.24V
input voltage. Alternatively, the jumpers for AIN0 at JP5
and J7 can be removed and AIN0 can be driven fully dif-
ferentially externally through a twisted pair cable at the
provided terminals at JP5. Fully differential drive should
provide a slight improvement in THD performance.
DC890 Data Collection
For SINAD, THD or SNR testing, a low noise, low distor-
tion generator such as the B&K Type 1051 or Stanford
Research SR1 should be used. A low jitter RF oscillator
such as the Rohde & Schwarz SMB100A is used to drive
the clock input. This demo board is tested in house by
attempting to duplicate the FFT plot shown in Typical



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com