Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2353 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC2353
Description  LTC2358/LTC2357/LTC2353/LTC2333:16-/18-Bit, Octal, Quad and Dual 200ksps/400ksps/600ksps/1Msps SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2353 Datasheet(HTML) 2 Page - Analog Devices

  LTC2353 Datasheet HTML 1Page - Analog Devices LTC2353 Datasheet HTML 2Page - Analog Devices LTC2353 Datasheet HTML 3Page - Analog Devices LTC2353 Datasheet HTML 4Page - Analog Devices LTC2353 Datasheet HTML 5Page - Analog Devices LTC2353 Datasheet HTML 6Page - Analog Devices LTC2353 Datasheet HTML 7Page - Analog Devices LTC2353 Datasheet HTML 8Page - Analog Devices LTC2353 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
dc2365af
DEMO MANUAL DC2365A
BoarD photo
–16V
GND
+16V
CLK
100MHz MAX, 2.5VP-P
DC590 OR DC2026
DC890
±10.24V
DEFAULT INPUT LEVELS
±10.24V
DC2365 F01
Figure 1. DC2365A Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com