Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2353 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2353
Description  LTC2358/LTC2357/LTC2353/LTC2333:16-/18-Bit, Octal, Quad and Dual 200ksps/400ksps/600ksps/1Msps SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2353 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2353 Datasheet HTML 2Page - Analog Devices LTC2353 Datasheet HTML 3Page - Analog Devices LTC2353 Datasheet HTML 4Page - Analog Devices LTC2353 Datasheet HTML 5Page - Analog Devices LTC2353 Datasheet HTML 6Page - Analog Devices LTC2353 Datasheet HTML 7Page - Analog Devices LTC2353 Datasheet HTML 8Page - Analog Devices LTC2353 Datasheet HTML 9Page - Analog Devices LTC2353 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
dc2365af
DEMO MANUAL DC2365A
Dc2365a setup
Performance Characteristics section of the LTC2358-18
data sheet. This involves using a 60MHz clock source
along with a sinusoidal generator at a frequency of ap-
proximately 2kHz. The input signal level is approximately
–1dBFS.AtypicalFFTobtainedwiththeDC2365Aisshown
in Figure 2. Note that to calculate the real SNR, the signal
level (F1 amplitude = –1.023dB) has to be added back to
the SNR that PScope displays. With the example shown in
Figure 2, this means that the actual SNR would be 96.76dB
instead of the 95.74dB that PScope displays. Taking the
RMS sum of the recalculated SNR and the THD yields
a SINAD of 96.58dB which is fairly close to the typical
number for this ADC.
To change the default settings for the LTC2358-18 in
PScope, click on the Set Demo Bd Options button in the
PScope tool bar shown in Figure 6. This will open the
Configure Channels menu of Figure 7. In this menu it is
possible to set the input SoftSpan range setting for each
channel. There is also a button to return PScope to the
default DC2365A settings which are optimized for the
default hardware settings of the DC2365A.
Thereareanumberofscenariosthatcanproducemislead-
ing results when evaluating an ADC. One that is common
is feeding the converter with an input frequency, that is
a sub-multiple of the sample rate, and which will only
exercises a small subset of the possible output codes.
The proper method is to pick an M/N frequency for the
input sine wave frequency. N is the number of samples
in the FFT. M is a prime number between one and N/2.
Multiply M/N by the sample rate to obtain the input sine
wave frequency. Another scenario that can yield poor
results is if you do not have a signal generator capable of
ppm frequency accuracy or if it cannot be locked to the
clock frequency. You can use an FFT with windowing to
reduce the “leakage” or spreading of the fundamental to
get a close approximation of the ADC performance. If an
amplifier or clock source with poor phase noise is used,
the windowing will not improve the SNR.
Figure 5. ±10.24V Pseudo-Differential DC Coupled Driver
C96
OPT
R108
0
C112
OPT
C97
OPT
R109
0
C95
OPT
0805
R107
0
0603
C94
OPT
0805
R106
0
0603
BNC
BNC
J5
J7
HD3X8-100
J6
DC2365 F05
1
3
5
2
4
6
17
9
18
10
19
11
20
12
21
13
22
14
23
15
24
16
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
1
2
3
4
5
6
7
8
–
JP5
HD1X3-100
AIN0
AIN0–
AIN0+
VIN2
VIN1
VIN2
±10.24V MAX
VIN1
±10.24V MAX
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com