Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2353 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2353
Description  LTC2358/LTC2357/LTC2353/LTC2333:16-/18-Bit, Octal, Quad and Dual 200ksps/400ksps/600ksps/1Msps SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2353 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2353 Datasheet HTML 2Page - Analog Devices LTC2353 Datasheet HTML 3Page - Analog Devices LTC2353 Datasheet HTML 4Page - Analog Devices LTC2353 Datasheet HTML 5Page - Analog Devices LTC2353 Datasheet HTML 6Page - Analog Devices LTC2353 Datasheet HTML 7Page - Analog Devices LTC2353 Datasheet HTML 8Page - Analog Devices LTC2353 Datasheet HTML 9Page - Analog Devices LTC2353 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
dc2365af
DEMO MANUAL DC2365A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Dc2365a setup
Dc2365a Jumpers
Dc2365a connectors
DC590/DC2026 Data Collection
Due to the relatively low and somewhat unpredictable
samplerateoftheDC590/DC2026,itsusefulnessislimited
tonoisemeasurementanddatacollectionofslowlymoving
signals. A typical data capture and histogram are shown in
Figure 3.TochangethedefaultsettingsfortheLTC2358-18
in QuikEval, click on the Channel Config button. This will
open the Config Dialog menu of Figure 8. Using the Config
Dialog menu, it is possible to set the input signal range for
each sequence. There is also a button to return QuikEval
to the default DC2365A settings which are optimized for
the default hardware settings of the DC2365A.
Layout
As with any high performance ADC, this part is sensitive
to layout. The area immediately surrounding the ADC on
the DC2365A should be used as a guideline for place-
ment and routing of the various components associated
with the ADC. Here are some things to remember when
laying out a board for the LTC2358-18. A ground plane is
necessary to obtain maximum performance. Keep bypass
capacitors as close to supply pins as possible. Use indi-
vidual low impedance returns for all bypass capacitors.
Use of a symmetrical layout around the analog inputs will
minimize the effects of parasitic elements. Shield analog
input traces with ground to minimize coupling from other
traces. Keep traces as short as possible.
Component Selection
When driving a low noise, low distortion ADC such as the
LTC2358-18,componentselectionisimportantsoastonot
degrade performance. Resistors should have low values
to minimize noise and distortion. Metal film resistors are
recommended to reduce distortion caused by self heating.
Because of their low voltage coefficients, to further reduce
distortion, NP0 or silver mica capacitors should be used.
Any buffer used to drive the LTC2358-18 should have low
distortion and low noise such as the LT1355 or LTC2057.
Definitions
JP1: REF selects INT or EXT reference for the ADC. The
default setting is INT.
JP2: VCCIO sets the output levels at P1 to either 3.3V
or 2.5V. Use 2.5V to interface to the DC890 which is the
default setting. Use 3.3V to interface to the DC2026.
JP3: I/O selects LVDS or CMOS logic levels. The default
setting is CMOS. LVDS is not supported at this time.
JP4: EEPROM is for factory use only. The default position
is WP.
JP5-JP12: Can be used to short either the + or – input of
AIN0-AIN7 to ground. The individual AIN inputs can also
be driven directly through these terminals. The default is
to short the – input of AIN0–AIN7 to ground.
Definitions
P1: DC890 interface is used to communicate with the
DC890 controller.
J1: CLK provides the master clock for the DC2365A when
interfaced to the DC890. This is not used for QuikEval.
J2: FPGA PROGRAM is used to program the FPGA. This
is for factory use only.
J3: JTAG is for factory use only.
J4: DC590/DC2026 interface is used to communicate with
the DC2026 Linduino® controller or DC590.
J5 and J6: VIN1, VIN2 provide analog input voltages to
AIN0–AIN7 of the ADC.
J7: Routes the signals of J5 and J6 to AIN0–AIN7.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com