Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2353 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC2353
Description  LTC2358/LTC2357/LTC2353/LTC2333:16-/18-Bit, Octal, Quad and Dual 200ksps/400ksps/600ksps/1Msps SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2353 Datasheet(HTML) 5 Page - Analog Devices

  LTC2353 Datasheet HTML 1Page - Analog Devices LTC2353 Datasheet HTML 2Page - Analog Devices LTC2353 Datasheet HTML 3Page - Analog Devices LTC2353 Datasheet HTML 4Page - Analog Devices LTC2353 Datasheet HTML 5Page - Analog Devices LTC2353 Datasheet HTML 6Page - Analog Devices LTC2353 Datasheet HTML 7Page - Analog Devices LTC2353 Datasheet HTML 8Page - Analog Devices LTC2353 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
dc2365af
DEMO MANUAL DC2365A
Dc590/Dc2026 Quick start proceDure
IMPORTANT! TO AVOID DAMAgE TO THE DC2365A,
MAKE SURE THAT VCCIO (JP6 OF THE DC590, JP3
OF THE DC2026) OF THE DC590/DC2026 IS SET TO
3.3VBEFORECONNECTINgTHEDC590/DC2026TO
THE DC2365A.
To use the DC590/DC2026 with the DC2365A, it is nec-
essary to apply ±16V and ground to the ±16V and GND
terminals of the DC2365A. Connect the DC590/DC2026
to a host PC with a standard USB A/B cable. Connect the
DC2365A to a DC590/DC2026 USB serial controller using
the supplied 14-conductor ribbon cable. Apply a signal
source to J5 and J6. Use J7 to route the signal sources
of J5 and J6 to the desired AIN0–AIN7 inputs. No clock is
required on J1 when using the DC590/DC2026. The clock
signal is provided by the DC590/DC2026.
RuntheQuikEval™software(quikeval.exeversionK108or
later)whichisavailablefromwww.linear.com/designtools/
software. The correct control panel will be loaded au-
tomatically. Click the Collect button (Figure 3) to begin
reading the ADC.
Figure 3. QuikEval Screen Capture



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com