Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA1074 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA1074
Description  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1074 Datasheet(HTML) 5 Page - STMicroelectronics

  STA1074 Datasheet HTML 1Page - STMicroelectronics STA1074 Datasheet HTML 2Page - STMicroelectronics STA1074 Datasheet HTML 3Page - STMicroelectronics STA1074 Datasheet HTML 4Page - STMicroelectronics STA1074 Datasheet HTML 5Page - STMicroelectronics STA1074 Datasheet HTML 6Page - STMicroelectronics STA1074 Datasheet HTML 7Page - STMicroelectronics STA1074 Datasheet HTML 8Page - STMicroelectronics STA1074 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID028356 Rev 1
5/16
STA1074, STA1078, STA1079, STA1088
System description
16
An application case which includes the connection of a 3G/4G Modem and of an optional BT
is represented in the following Figure 2.
Figure 2. Example of sound use case
2.5
Audio interfaces
A complete set of audio interfaces is provided, in order to simplify integration with speakers,
and input sources. Each interface can be routed to the sound subsystem. A complete list of
audio interfaces is provided below:
Audio ADC
–
For AUX IN Line
–
ADC Input is single ended 3.3 V
Voice ADC
–
Shared among Voice and TEL-IN lines with embedded multiplexer
–
Both Mic and TEL-IN are differential inputs
Stereo DAC
Multiple I2S IN
Multiple I2S OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com