Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA1074 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA1074
Description  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1074 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA1074 Datasheet HTML 4Page - STMicroelectronics STA1074 Datasheet HTML 5Page - STMicroelectronics STA1074 Datasheet HTML 6Page - STMicroelectronics STA1074 Datasheet HTML 7Page - STMicroelectronics STA1074 Datasheet HTML 8Page - STMicroelectronics STA1074 Datasheet HTML 9Page - STMicroelectronics STA1074 Datasheet HTML 10Page - STMicroelectronics STA1074 Datasheet HTML 11Page - STMicroelectronics STA1074 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
System description
STA1074, STA1078, STA1079, STA1088
8/16
DocID028356 Rev 1
2.9
General purpose ADC
Telemaco2 family devices have ADC with a resolution of 10-bits.
2.10
GPIOs
Telemaco2 family devices have GPIOs which can be independently configured either as
INPUT or OUTPUT. In order to make the system flexible, these IOs are multiplexed on PINs
with other peripherals.
2.11
Generic interfaces
2.11.1
UARTS
Programmable baud rates up to 3 Mbps
Hardware Flow control
DMA capability
2.11.2
I2Cs
Master/slave modes in multi-master environment
Multiple baud rates supported: 100/400/1000/3400 Kbits/s
DMA capability
2.11.3
SSP/SPI ports supporting
Motorola SPI-compatible interface
Texas Instrument synchronous serial interface
National Semiconductor MICROWIRE® interface
Unidirectional interface
DMA capability
2.12
Power modes
Telemaco2 family devices support the following power modes:
Normal
Soft standby (Normal mode with clock gating)
Standby
Power Off
The SoC requires three power lines for internal logic (excluding analog block power lines),
which are identified as:
3V3 Standby
3V3 IOs, switchable
1V2 Core, switchable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com