Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA1074 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA1074
Description  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1074 Datasheet(HTML) 4 Page - STMicroelectronics

  STA1074 Datasheet HTML 1Page - STMicroelectronics STA1074 Datasheet HTML 2Page - STMicroelectronics STA1074 Datasheet HTML 3Page - STMicroelectronics STA1074 Datasheet HTML 4Page - STMicroelectronics STA1074 Datasheet HTML 5Page - STMicroelectronics STA1074 Datasheet HTML 6Page - STMicroelectronics STA1074 Datasheet HTML 7Page - STMicroelectronics STA1074 Datasheet HTML 8Page - STMicroelectronics STA1074 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
System description
STA1074, STA1078, STA1079, STA1088
4/16
DocID028356 Rev 1
2
System description
2.1
Processor MCU
Telemaco2 family devices processing capability relies on an ARM Cortex-R4. The MCU has
instruction cache and data cache, as well as TCM Memory dedicated respectively to
instructions and data for high throughput and low latency tasks.
2.2
Memory controller
2.2.1
Embedded memory
Telemaco2 family devices embed SRAM memory, which can be used for data or code
storage.
Embedded memory can be used in conjunction with executable in place serial NOR devices
to implement cost effective solutions. The whole embedded memory is also cacheable and
can be accessed by DMA.
2.2.2
SDRAM controller
SDRAM controller supports SDRAM JEDEC interface 16-bits wide, which allows interfacing
to automotive SDRAM memory devices to handle high footprint applications.
Such memory is cacheable, and can be accessed by DMA.
2.2.3
SQI executable in place
The SQIO controller allows interfacing Serial Quad I/O flash memories.
2.2.4
Parallel memory interface
FSMC static memory controller, provides a generic 16-bits parallel interface suitable to
connect to NOR devices as well as SRAM and NAND devices.
NOR memory space can be partitioned so to reserve a portion of the parallel NOR device to
the Secure CAN Subsystem.
2.3
USB
Telemaco2 family devices have one Host and one Dual role USB HS with embedded PHY,
allowing connecting efficiently to mass storage devices, as well as portable devices
(phones, pads). Along with USB connectivity, Telemaco2 family fully support USB charger
specification.
2.4
Sound subsystem
Telemaco2 family devices implement a sound subsystem which allows the routing and the
rate conversion of the different audio sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com