Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA1074 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA1074
Description  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1074 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA1074 Datasheet HTML 2Page - STMicroelectronics STA1074 Datasheet HTML 3Page - STMicroelectronics STA1074 Datasheet HTML 4Page - STMicroelectronics STA1074 Datasheet HTML 5Page - STMicroelectronics STA1074 Datasheet HTML 6Page - STMicroelectronics STA1074 Datasheet HTML 7Page - STMicroelectronics STA1074 Datasheet HTML 8Page - STMicroelectronics STA1074 Datasheet HTML 9Page - STMicroelectronics STA1074 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
System description
STA1074, STA1078, STA1079, STA1088
6/16
DocID028356 Rev 1
2.5.1
Routing and sample rate converters
Each audio interface can be routed in both directions (IN/OUT) through sample rate
converters, which allow normalizing the sampling rate to the sound processing engine. The
audio routing infrastructure is designed to deliver high quality sample rate conversion on
multiple channels, allowing simultaneous audio streams, such as Bluetooth Hands Free, to
be handled without CPU load.
In order to generate multiple sampling rate audio frequencies, a dedicated fractional PLL is
also provided. This PLL also allows an efficient implementation of cellular modem playback,
by dynamically adjusting the reconstructed audio sampling rate without CPU overload.
2.5.2
DSP Subsystem
Some devices in Telemaco2 family are equipped with an embedded DSP subsystem
dedicated to sound processing and other signal processing intensive tasks, like echo/noise
cancellation, sound effects generation. DSP subsystem is integrated with the sound
subsystem with a specific isochronous bus.
Each DSP is connected to other DSPs and audio peripherals by means of an isochronous
bus infrastructure which guarantees a controlled throughput and latency for all audio
transfers.
2.6
Secure CAN subsystem
Telemaco2 family devices allow isolating critical code from main application by
implementing a dedicated subsystem based on ARM Cortex-M3, along with:
Dedicated embedded SRAM
CAN controller
Dedicated GPIOs
In order to guarantee security of CAN network, all of the above can be completely isolated
from the rest of the system, in such a way that no application running on CorteX-R4 can
access by any mean to CAN specific re-sources. This subsystem can also be dedicated to
implement secure features, such as boot authentication, as well as interrupt intensive tasks
to offload main CPU. The secure subsystem communicates with the application running on
CortexR4 using a Hardware Mailbox interrupt based mechanism.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com