Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA1074 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA1074
Description  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1074 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA1074 Datasheet HTML 3Page - STMicroelectronics STA1074 Datasheet HTML 4Page - STMicroelectronics STA1074 Datasheet HTML 5Page - STMicroelectronics STA1074 Datasheet HTML 6Page - STMicroelectronics STA1074 Datasheet HTML 7Page - STMicroelectronics STA1074 Datasheet HTML 8Page - STMicroelectronics STA1074 Datasheet HTML 9Page - STMicroelectronics STA1074 Datasheet HTML 10Page - STMicroelectronics STA1074 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID028356 Rev 1
7/16
STA1074, STA1078, STA1079, STA1088
System description
16
Figure 3. CAN subsystem isolation
A specific set of peripherals can be reserved and locked to be only accessible from
CortexM3, thus allowing the implementation of a complete independent subsystem.
Moreover, specific secure GPIOs as well as wake signals are reserved for such a
subsystem.
2.7
SDMMC
Telemaco2 family devices are equipped with SDMMC controllers, which allow interfacing to
either mass storage devices, or to Wi-Fi modules. Both interfaces implement the following
specification:
eMMC - Multimedia Card 4.4
SD/SDIO 4.0
2.8
DMA
DMA is designed to efficiently perform memory to memory, and memory to peripherals
transfers, offloading such tasks from the processor, thus reducing interrupt handling load.
DMA provides 16 independent channels which can be dynamically assigned to different
data- path. Complex Scatter/gather transfers can be implemented by programming specific
DMA command linked lists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com