Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA1074 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA1074
Description  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1074 Datasheet(HTML) 3 Page - STMicroelectronics

  STA1074 Datasheet HTML 1Page - STMicroelectronics STA1074 Datasheet HTML 2Page - STMicroelectronics STA1074 Datasheet HTML 3Page - STMicroelectronics STA1074 Datasheet HTML 4Page - STMicroelectronics STA1074 Datasheet HTML 5Page - STMicroelectronics STA1074 Datasheet HTML 6Page - STMicroelectronics STA1074 Datasheet HTML 7Page - STMicroelectronics STA1074 Datasheet HTML 8Page - STMicroelectronics STA1074 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID028356 Rev 1
3/16
STA1074, STA1078, STA1079, STA1088
Description
16
1
Description
Devices from Telemaco2 family provide a cost effective microprocessor solution for
automotive telematics applications based on a MIPS efficient ARM - Cortex R4 processor.
In addition, an ARM - Cortex M3 controller is dedicated to real-time processing tasks.
Telemaco2 devices come with a complete set of common interfaces
(UART/I2S/I2C/USB/MMC) which make this family optimal for implementing a feature reach
system as well as a cost effective solutions for automotive connectivity.
Telemaco2 devices can provide enough processing capability to handle positioning and
wireless data management typically required in telematics use cases. Moreover, they can
handle the control of the in-vehicle CAN bus thanks to the independent and secure Cortex-
M3 subsystem running its dedicated real-time OS. With its flexible memory configuration,
they allow implementing a variety of systems, starting from very low cost applications based
on a real time OS and scaling up to demanding applications based on rich Linux OS.
Figure 1. Example of telematics application block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com