Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C52LP Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # CY8C52LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52LP Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button CY8C52LP Datasheet HTML 49Page - Cypress Semiconductor CY8C52LP Datasheet HTML 50Page - Cypress Semiconductor CY8C52LP Datasheet HTML 51Page - Cypress Semiconductor CY8C52LP Datasheet HTML 52Page - Cypress Semiconductor CY8C52LP Datasheet HTML 53Page - Cypress Semiconductor CY8C52LP Datasheet HTML 54Page - Cypress Semiconductor CY8C52LP Datasheet HTML 55Page - Cypress Semiconductor CY8C52LP Datasheet HTML 56Page - Cypress Semiconductor CY8C52LP Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 114 page
background image
PSoC® 5LP: CY8C52LP Family
Datasheet
Document Number: 001-84933 Rev. *L
Page 53 of 114
Figure 8-4. Analog Comparator
8.3.2 LUT
The CY8C52LP family of devices contains two LUTs. The LUT is
a two input, one output lookup table that is driven by one or two
of the comparators in the chip. The output of any LUT is routed
to the digital system interface of the UDB array. From the digital
system interface of the UDB array, these signals can be
connected to UDBs, DMA controller, I/O, or the interrupt
controller. The LUT control word written to a register sets the
logic function on the output. The available LUT functions and the
associated control word is shown in Table 8-1
.
8.4 LCD Direct Drive
The PSoC LCD driver system is a highly configurable peripheral
designed to allow PSoC to directly drive a broad range of LCD
glass. All voltages are generated on chip, eliminating the need
for external components. With a high multiplex ratio of up to 1/16,
the CY8C52LP family LCD driver system can drive a maximum
of 736 segments. The PSoC LCD driver module was also
designed with the conservative power budget of portable devices
in mind, enabling different LCD drive modes and power down
modes to conserve power.
PSoC Creator provides an LCD segment drive component. The
component wizard provides easy and flexible configuration of
LCD resources. You can specify pins for segments and
commons along with other options. The software configures the
device to meet the required specifications. This is possible
because of the programmability inherent to PSoC devices.
Key features of the PSoC LCD segment system are:
LCD panel direct driving
Type A (standard) and Type B (low power) waveform support
Wide operating voltage range support (2 V to 5 V) for LCD
panels
Static, 1/2, 1/3, 1/4, 1/5 bias voltage levels
Internal bias voltage generation through internal resistor ladder
Up to 62 total common and segment outputs
Up to 1/16 multiplex for a maximum of 16 backplane/common
outputs
Up to 62 front plane/segment outputs for direct drive
Drives up to 736 total segments (16 backplane × 46 front plane)
Up to 64 levels of software controlled contrast
Ability to move display data from memory buffer to LCD driver
through DMA (without CPU intervention)
ANAIF
+
_
+
_
comp0
comp1
4
LUT0
LUT1
LUT2
LUT3
4
4
4
4
4
4
4
From
Analog
Routing
From
Analog
Routing
UDBs
Table 8-1. LUT Function vs. Program Word and Inputs
Control Word
Output (A and B are LUT inputs)
0000b
FALSE
(‘0’)
0001b
A
AND B
0010b
A
AND (NOT B)
0011b
A
0100b
(NOT A) AND B
0101b
B
0110b
A
XOR B
0111b
A
OR B
1000b
A
NOR B
1001b
A
XNOR B
1010b
NOT B
1011b
A
OR (NOT B)
1100b
NOT A
1101b
(NOT A) OR B
1110b
A
NAND B
1111b
TRUE
(‘1’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com