Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C52LP Datasheet(PDF) 88 Page - Cypress Semiconductor

Part # CY8C52LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52LP Datasheet(HTML) 88 Page - Cypress Semiconductor

Back Button CY8C52LP Datasheet HTML 84Page - Cypress Semiconductor CY8C52LP Datasheet HTML 85Page - Cypress Semiconductor CY8C52LP Datasheet HTML 86Page - Cypress Semiconductor CY8C52LP Datasheet HTML 87Page - Cypress Semiconductor CY8C52LP Datasheet HTML 88Page - Cypress Semiconductor CY8C52LP Datasheet HTML 89Page - Cypress Semiconductor CY8C52LP Datasheet HTML 90Page - Cypress Semiconductor CY8C52LP Datasheet HTML 91Page - Cypress Semiconductor CY8C52LP Datasheet HTML 92Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 114 page
background image
PSoC® 5LP: CY8C52LP Family
Datasheet
Document Number: 001-84933 Rev. *L
Page 88 of 114
11.5.7 Temperature Sensor
11.5.8 LCD Direct Drive
Note
54. Based on device characterization (Not production tested).
Table 11-29. Temperature Sensor Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Temp sensor accuracy
Range: –40 °C to +85 °C
–
±5
–
°C
Table 11-30. LCD Direct Drive DC Specifications[54]
Parameter
Description
Conditions
Min
Typ
Max
Units
ICC
LCD Block (no glass)
Device sleep mode with wakeup at
400Hz rate to refresh LCD, bus,
clock = 3MHz, Vddio = Vdda = 3V, 8
commons, 16 segments, 1/5 duty
cycle, 40 Hz frame rate, no glass
connected
–81
–
A
ICC_SEG
Current per segment driver
Strong drive mode
–
260
–
µA
VBIAS
LCD bias range (VBIAS refers to the
main output voltage(V0) of LCD DAC)
VDDA  3 V and VDDA  VBIAS
2–
5
V
LCD bias step size
VDDA  3 V and VDDA  VBIAS
–
9.1 × VDDA
–mV
LCD capacitance per
segment/common driver
Drivers may be combined
–
500
5000
pF
Maximum segment DC offset
Vdda
3V and Vdda  Vbias
–
–
20
mV
IOUT
Output drive current per segment
driver)
VDDIO = 5.5V, strong drive mode
355
–
710
µA
Table 11-31. LCD Direct Drive AC Specifications[54]
Parameter
Description
Conditions
Min
Typ
Max
Units
fLCD
LCD frame rate
10
50
150
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com