Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C52LP Datasheet(PDF) 68 Page - Cypress Semiconductor

Part # CY8C52LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52LP Datasheet(HTML) 68 Page - Cypress Semiconductor

Back Button CY8C52LP Datasheet HTML 64Page - Cypress Semiconductor CY8C52LP Datasheet HTML 65Page - Cypress Semiconductor CY8C52LP Datasheet HTML 66Page - Cypress Semiconductor CY8C52LP Datasheet HTML 67Page - Cypress Semiconductor CY8C52LP Datasheet HTML 68Page - Cypress Semiconductor CY8C52LP Datasheet HTML 69Page - Cypress Semiconductor CY8C52LP Datasheet HTML 70Page - Cypress Semiconductor CY8C52LP Datasheet HTML 71Page - Cypress Semiconductor CY8C52LP Datasheet HTML 72Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 114 page
background image
PSoC® 5LP: CY8C52LP Family
Datasheet
Document Number: 001-84933 Rev. *L
Page 68 of 114
11.4 Inputs and Outputs
Specifications are valid for –40 °C
 TA  85 °C and TJ  100 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted. Unless otherwise specified, all charts and graphs show typical values.
When the power supplies ramp up, there are low-impedance connections between each GPIO pin and its VDDIO supply. This causes
the pin voltages to track VDDIO until both VDDIO and VDDA reach the IPOR voltage, which can be as high as 1.45 V. At that point the
low-impedance connections no longer exist, and the pins change to their normal NVL settings.
Also, if VDDA is less than VDDIO, a low-impedance path may exist between a GPIO and VDDA, causing the GPIO to track VDDA until
VDDA becomes greater than or equal to VDDIO.
11.4.1 GPIO
Table 11-8. GPIO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VIH
Input voltage high threshold
CMOS Input, PRT[x]CTL = 0
0.7
 VDDIO
––
V
VIL
Input voltage low threshold
CMOS Input, PRT[x]CTL = 0
–
–
0.3

VDDIO
V
VIH
Input voltage high threshold
LVTTL Input, PRT[x]CTL = 1,VDDIO
< 2.7 V
0.7 × VDDIO
––
V
VIH
Input voltage high threshold
LVTTL Input, PRT[x]CTL = 1,
VDDIO  2.7 V
2.0
–
–
V
VIL
Input voltage low threshold
LVTTL Input, PRT[x]CTL = 1,VDDIO
< 2.7 V
–
–
0.3 ×
VDDIO
V
VIL
Input voltage low threshold
LVTTL Input, PRT[x]CTL = 1,
VDDIO  2.7 V
––
0.8
V
VOH
Output voltage high
IOH = 4 mA at 3.3 VDDIO
VDDIO – 0.6
–
–
V
IOH = 1 mA at 1.8 VDDIO
VDDIO – 0.5
–
–
V
VOL
Output voltage low
IOL = 8 mA at 3.3 VDDIO
––
0.6
V
IOL = 3 mA at 3.3 VDDIO
––
0.4
V
IOL = 4 mA at 1.8 VDDIO
––
0.6
V
Rpullup
Pull up resistor
3.5
5.6
8.5
k
Rpulldown
Pull down resistor
3.5
5.6
8.5
k
IIL
Input leakage current (absolute
value)[31]
25 °C, VDDIO = 3.0 V
–
–
2
nA
CIN
Input capacitance[31]
P0.0, P0.1, P0.2, P3.6, P3.7
–
17
20
pF
P0.3, P0.4, P3.0, P3.1, P3.2
–
10
15
pF
P0.6, P0.7, P15.0, P15.6, P15.7[32]
–7
12
pF
All other GPIOs
–
5
9
pF
VH
Input voltage hysteresis
(Schmitt-Trigger)[31]
–40
–
mV
Idiode
Current through protection diode to
VDDIO and VSSIO
–
–
100
µA
Rglobal
Resistance pin to analog global bus 25 °C, VDDIO = 3.0 V
–
320
–
Rmux
Resistance pin to analog mux bus 25 °C, VDDIO = 3.0 V
–
220
–
Notes
31. Based on device characterization (Not production tested).
32. For information on designing with PSoC oscillators, refer to the application note, AN54439 - PSoC® 3 and PSoC 5 External Oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com