Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C52LP Datasheet(PDF) 104 Page - Cypress Semiconductor

Part # CY8C52LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52LP Datasheet(HTML) 104 Page - Cypress Semiconductor

Back Button CY8C52LP Datasheet HTML 100Page - Cypress Semiconductor CY8C52LP Datasheet HTML 101Page - Cypress Semiconductor CY8C52LP Datasheet HTML 102Page - Cypress Semiconductor CY8C52LP Datasheet HTML 103Page - Cypress Semiconductor CY8C52LP Datasheet HTML 104Page - Cypress Semiconductor CY8C52LP Datasheet HTML 105Page - Cypress Semiconductor CY8C52LP Datasheet HTML 106Page - Cypress Semiconductor CY8C52LP Datasheet HTML 107Page - Cypress Semiconductor CY8C52LP Datasheet HTML 108Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 114 page
background image
PSoC® 5LP: CY8C52LP Family
Datasheet
Document Number: 001-84933 Rev. *L
Page 104 of 114
12. Ordering Information
In addition to the features listed in Table 12-1, every CY8C52LP device includes: up to 256 KB flash, 64 KB SRAM, 2 KB EEPROM,
a precision on-chip voltage reference, precision oscillators, flash, ECC, DMA, a fixed function I2C, JTAG/SWD programming and
debug, external memory interface, boost, and more. In addition to these features, the flexible UDBs and analog subsection support
a wide range of peripherals. To assist you in selecting the ideal part, PSoC Creator makes a part recommendation after you choose
the components required by your application. All CY8C52LP derivatives incorporate device and flash security in user-selectable
security levels; see the TRM for details.
Table 12-1. CY8C52LP Family with ARM Cortex-M3 CPU
Part Number
MCU Core
Analog
Digital
I/O
[85]
Package
JTAG ID
[86]
CY8C5268LTI-LP030
67 256 64 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 24 4 ✔ 48 38 8
2
68-QFN
0x2E11E069
CY8C5268AXI-LP047
67 256 64 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 24 4 ✔ 72 62 8
2
100-TQFP
0x2E12F069
CY8C5267AXI-LP051
67 128 32 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 24 4 ✔ 72 62 8
2
100-TQFP
0x2E133069
CY8C5267LTI-LP089
67 128 32 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 24 4 ✔ 48 38 8
2
68-QFN
0x2E159069
CY8C5266LTI-LP029
67 64 16 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 20 4 ✔ 48 38 8
2
68-QFN
0x2E11D069
CY8C5266AXI-LP033
67 64 16 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 20 4 ✔ 72 62 8
2
100-TQFP
0x2E121069
CY8C5266AXI-LP132
67 64 16 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 20 4 – 70 62 8
0
100-TQFP
0x2E184069
CY8C5266LTI-LP150
67 64 16 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 20 4 – 46 38 8
0
68-QFN
0x2E196069
CY8C5266FNI-LP205T
67 64 16 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 24 4 – 70 62 8
0
99-WLCSP
0x2E1CD069
CY8C5265LTI-LP050
67 32
8
2
✔ 1x12-bit SAR 1 0 0
0
–
✔ 20 4 ✔ 48 38 8
2
68-QFN
0x2E132069
CY8C5265AXI-LP056
67 32
8
2
✔ 1x12-bit SAR 1 0 0
0
–
✔ 20 4 ✔ 72 62 8
2
100-TQFP
0x2E138069
CY8C5265LTI-LP058
67 32
8
2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 20 4 ✔ 48 38 8
2
68-QFN
0x2E13A069
CY8C5265AXI-LP082
67 32
8
2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 20 4 ✔ 72 62 8
2
100-TQFP
0x2E152069
CY8C5287AXI-LP095[87] 80 256 64 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 24 4 ✔ 72 62 8
2
100-TQFP
0x2E15F069
CY8C5288LTI-LP090
80 256 64 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 24 4 ✔ 48 38 8
2
68-QFN
0x2E15A069
CY8C5288FNI-LP213
80 256 64 2
✔ 1x12-bit SAR 1 2 0
0
–
✔ 24 4 ✔ 72 62 8
2
99-WLCSP
0x2E1D5069
Notes
84. UDBs support a wide variety of functionality including SPI, LIN, UART, timer, counter, PWM, PRS, and others. Individual functions may use a fraction of a UDB or
multiple UDBs. Multiple functions can share a single UDB. See Example Peripherals on page 39 for more information on how UDBs can be used.
85. The I/O Count includes all types of digital I/O: GPIO, SIO, and the two USB I/O. See I/O System and Routing on page 32 for details on the functionality of each of
these types of I/O.
86. The JTAG ID has three major fields. The most significant nibble (left digit) is the version, followed by a 2 byte part number and a 3 nibble manufacturer ID.
87. This part varies from the numbering conventions described in Table 12-1. It has 256 KB flash, not 128 KB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com