Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB95F856K Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 33Page - Cypress Semiconductor MB95F856K Datasheet HTML 34Page - Cypress Semiconductor MB95F856K Datasheet HTML 35Page - Cypress Semiconductor MB95F856K Datasheet HTML 36Page - Cypress Semiconductor MB95F856K Datasheet HTML 37Page - Cypress Semiconductor MB95F856K Datasheet HTML 38Page - Cypress Semiconductor MB95F856K Datasheet HTML 39Page - Cypress Semiconductor MB95F856K Datasheet HTML 40Page - Cypress Semiconductor MB95F856K Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 37 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
0x007C
ILR3
Interrupt level setting register 3
R/W
0b11111111
0x007D
ILR4
Interrupt level setting register 4
R/W
0b11111111
0x007E
ILR5
Interrupt level setting register 5
R/W
0b11111111
0x007F
—
(Disabled)
—
—
0x0E10
BPFREQ
Beep output frequency register
R/W
0b00000000
0x0E11
TER0
TS touch channel enable register 0
R/W
0b00000000
0x0E12
TER1
TS touch channel enable register 1
R/W
0b00000000
0x0E13
PSC
TS prescaler control register
R/W
0b00100000
0x0E14
WRESET
TS warm reset register
R/W
0b00000000
0x0E15
RSEL0
TS sensitivity select register 0
R/W
0b00000010
0x0E16
RSEL1
TS sensitivity select register 1
R/W
0b00010010
0x0E17
RSEL2
TS sensitivity select register 2
R/W
0b00010010
0x0E18
RSEL3
TS sensitivity select register 3
R/W
0b00010010
0x0E19 to 0x0E1B
—
(Disabled)
—
—
0x0E1C
BPDUR
TS beep duration setting register
R/W
0b00000000
0x0E1D
DIOR1
TS direct output control register 1
R/W
0b00000000
0x0E1E
DIOR2
TS direct output control register 2
R/W
0b00000000
0x0E1F
DIOR3
TS direct output control register 3
R/W
0b00000000
0x0E20
FTSEL
TS feature select register
R/W
0b00000100
0x0E21
AICWAT
TS AIC wait time setting register
R/W
0b00100111
0x0E22
CALITV
TS calibration interval setting register
R/W
0b00110000
0x0E23
ITGTM
TS integration time setting register
R/W
0b00001111
0x0E24
IDLETM
TS idle time setting register
R/W
0b00001111
0x0E25
CONTROL
TS control register
R/W
0b00000000
0x0E26
INTMR
TS interrupt mask register
R/W
0b00011000
0x0E27
INTCR
TS interrupt clear register
R/W
0b00000000
0x0E28
FLTP
TS filter period setting register
R/W
0b00000000
0x0E29
FLTTH
TS filter threshold setting register
R/W
0b00000000
0x0E2A
REFDLY
TS reference delay setting register
R/W
0b00000000
0x0E2B to 0x0E30
—
(Disabled)
—
—
0x0E31
ALPH1
TS alpha value setting register ch. 1
R/W
0b00001000
0x0E32
ALPH2
TS alpha value setting register ch. 2
R/W
0b00001000
0x0E33
ALPH3
TS alpha value setting register ch. 3
R/W
0b00001000
0x0E34
ALPH4
TS alpha value setting register ch. 4
R/W
0b00001000
0x0E35
ALPH5
TS alpha value setting register ch. 5
R/W
0b00001000
0x0E36 to 0x0E3F
—
(Disabled)
—
—
0x0E40
BETA
TS beta value setting register
R/W
0b00000100
0x0E41 to 0x0E50
—
(Disabled)
—
—
0x0E51
STRTH1
TS touch strength threshold setting register ch. 1
R/W
0b00000001
0x0E52
STRTH2
TS touch strength threshold setting register ch. 2
R/W
0b00000001
0x0E53
STRTH3
TS touch strength threshold setting register ch. 3
R/W
0b00000001
Address
Register
abbreviation
Register name
R/W
Initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com