Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB95F856K Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 40Page - Cypress Semiconductor MB95F856K Datasheet HTML 41Page - Cypress Semiconductor MB95F856K Datasheet HTML 42Page - Cypress Semiconductor MB95F856K Datasheet HTML 43Page - Cypress Semiconductor MB95F856K Datasheet HTML 44Page - Cypress Semiconductor MB95F856K Datasheet HTML 45Page - Cypress Semiconductor MB95F856K Datasheet HTML 46Page - Cypress Semiconductor MB95F856K Datasheet HTML 47Page - Cypress Semiconductor MB95F856K Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 44 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
0x0F82
WRDR0
Wild register data setting register ch. 0
R/W
0b00000000
0x0F83
WRARH1
Wild register address setting register (upper) ch. 1
R/W
0b00000000
0x0F84
WRARL1
Wild register address setting register (lower) ch. 1
R/W
0b00000000
0x0F85
WRDR1
Wild register data setting register ch. 1
R/W
0b00000000
0x0F86
WRARH2
Wild register address setting register (upper) ch. 2
R/W
0b00000000
0x0F87
WRARL2
Wild register address setting register (lower) ch. 2
R/W
0b00000000
0x0F88
WRDR2
Wild register data setting register ch. 2
R/W
0b00000000
0x0F89 to 0x0F91
—
(Disabled)
—
—
0x0F92
T01CR0
8/16-bit composite timer 01 status control register 0
R/W
0b00000000
0x0F93
T00CR0
8/16-bit composite timer 00 status control register 0
R/W
0b00000000
0x0F94
T01DR
8/16-bit composite timer 01 data register
R/W
0b00000000
0x0F95
T00DR
8/16-bit composite timer 00 data register
R/W
0b00000000
0x0F96
TMCR0
8/16-bit composite timer 00/01 timer mode control register
R/W
0b00000000
0x0F97
T11CR0
8/16-bit composite timer 11 status control register 0
R/W
0b00000000
0x0F98
T10CR0
8/16-bit composite timer 10 status control register 0
R/W
0b00000000
0x0F99
T11DR
8/16-bit composite timer 11 data register
R/W
0b00000000
0x0F9A
T10DR
8/16-bit composite timer 10 data register
R/W
0b00000000
0x0F9B
TMCR1
8/16-bit composite timer 10/11 timer mode control register
R/W
0b00000000
0x0F9C
PPS01
8/16-bit PPG01 cycle setting buffer register
R/W
0b11111111
0x0F9D
PPS00
8/16-bit PPG00 cycle setting buffer register
R/W
0b11111111
0x0F9E
PDS01
8/16-bit PPG01 duty setting buffer register
R/W
0b11111111
0x0F9F
PDS00
8/16-bit PPG00 duty setting buffer register
R/W
0b11111111
0x0FA0
PPS11
8/16-bit PPG11 cycle setting buffer register
R/W
0b11111111
0x0FA1
PPS10
8/16-bit PPG10 cycle setting buffer register
R/W
0b11111111
0x0FA2
PDS11
8/16-bit PPG11 duty setting buffer register
R/W
0b11111111
0x0FA3
PDS10
8/16-bit PPG10 duty setting buffer register
R/W
0b11111111
0x0FA4
PPGS
8/16-bit PPG start register
R/W
0b00000000
0x0FA5
REVC
8/16-bit PPG output inversion register
R/W
0b00000000
0x0FA6 to 0x0FBD
—
(Disabled)
—
—
0x0FBE
PSSR0
UART/SIO dedicated baud rate generator prescaler select
register ch. 0
R/W
0b00000000
0x0FBF
BRSR0
UART/SIO dedicated baud rate generator baud rate setting
register ch. 0
R/W
0b00000000
0x0FC0
TIDR0
Touch input disable register 0
R/W
0b00000000
0x0FC1
TIDR1
Touch input disable register 1
R/W
0b00000000
0x0FC2
—
(Disabled)
—
—
0x0FC3
AIDRL
A/D input disable register (lower)
R/W
0b00000000
0x0FC4
LVDPW
LVD reset circuit password register
R/W
0b00000000
0x0FC5 to 0x0FE2
—
(Disabled)
—
—
0x0FE3
WCDR
Watch counter data register
R/W
0b00111111
0x0FE4
CRTH
Main CR clock trimming register (upper)
R/W
0b000XXXXX
Address
Register
abbreviation
Register name
R/W
Initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com