Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB95F856K Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 16Page - Cypress Semiconductor MB95F856K Datasheet HTML 17Page - Cypress Semiconductor MB95F856K Datasheet HTML 18Page - Cypress Semiconductor MB95F856K Datasheet HTML 19Page - Cypress Semiconductor MB95F856K Datasheet HTML 20Page - Cypress Semiconductor MB95F856K Datasheet HTML 21Page - Cypress Semiconductor MB95F856K Datasheet HTML 22Page - Cypress Semiconductor MB95F856K Datasheet HTML 23Page - Cypress Semiconductor MB95F856K Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 20 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
19
21
P62
G
General-purpose I/O port
Hysteresis
CMOS
—
O
PPG21
8/16-bit PPG ch. 2 output pin
20
22
P61
G
General-purpose I/O port
Hysteresis
CMOS
—
O
PPG20
8/16-bit PPG ch. 2 output pin
21
23
P60
G
General-purpose I/O port
Hysteresis
CMOS
—
O
EC1
8/16-bit composite timer ch. 1 clock input pin
DIO00
TS direct output ch. 0 pin
22
24
P17
G
General-purpose I/O port
Hysteresis
CMOS
—
O
INT08
External interrupt input pin
TO10
8/16-bit composite timer ch. 1 output pin
23
25
P16
G
General-purpose I/O port
Hysteresis
CMOS
—
O
INT09
External interrupt input pin
TO11
8/16-bit composite timer ch. 1 output pin
24
26
P15
G
General-purpose I/O port
Hysteresis
CMOS
—
O
UCK0
UART/SIO ch. 0 clock I/O pin
25
27
P14
G
General-purpose I/O port
Hysteresis
CMOS
—
O
UO0
UART/SIO ch. 0 data output pin
26
28
P13
J
General-purpose I/O port
CMOS
CMOS
—
O
UI0
UART/SIO ch. 0 data input pin
DIO02
TS direct output ch. 2 pin
27
29
P12
G
General-purpose I/O port
Hysteresis
CMOS
—
O
BEEP
Beep output pin
28
30
P11
G
General-purpose I/O port
Hysteresis
CMOS
—
O
EC0
8/16-bit composite timer ch. 0 clock input pin
DIO01
TS direct output ch. 1 pin
29
31
P46
I
General-purpose I/O port
CMOS
CMOS
O
—
SDA
I2C bus interface ch. 0 data I/O pin
30
32
P47
I
General-purpose I/O port
CMOS
CMOS
O
—
SCL
I2C bus interface ch. 0 clock I/O pin
—33
NC
—
It is an internally connected pin. Always leave
it unconnected.
——
—
—
31
34
P00
G
General-purpose I/O port
Hysteresis
CMOS
—
O
INT00
External interrupt input pin
32
35
P01
G
General-purpose I/O port
Hysteresis
CMOS
—
O
INT01
External interrupt input pin
33
36
P02
G
General-purpose I/O port
Hysteresis
CMOS
—
O
INT02
External interrupt input pin
34
37
P03
G
General-purpose I/O port
Hysteresis
CMOS
—
O
INT03
External interrupt input pin
Pin no.
Pin name
I/O
circuit
type9
Function
I/O type
LQFP487
LQFP528
Input
Output OD10 PU11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com