Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB95F856K Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 3Page - Cypress Semiconductor MB95F856K Datasheet HTML 4Page - Cypress Semiconductor MB95F856K Datasheet HTML 5Page - Cypress Semiconductor MB95F856K Datasheet HTML 6Page - Cypress Semiconductor MB95F856K Datasheet HTML 7Page - Cypress Semiconductor MB95F856K Datasheet HTML 8Page - Cypress Semiconductor MB95F856K Datasheet HTML 9Page - Cypress Semiconductor MB95F856K Datasheet HTML 10Page - Cypress Semiconductor MB95F856K Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 7 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
1. Product Line-up
Parameter
MB95F856K
MB95F866K
MB95F876K
Type
Flash memory product
Clock supervisor
counter
It supervises the main clock oscillation and the subclock oscillation.
Flash memory capacity
36 Kbyte
RAM capacity
1 Kbyte
Power-on reset
Yes
Low-voltage detection
reset
Yes
Reset input
Selected through software
CPU functions
•Number of basic instructions: 136
• Instruction bit length: 8 bits
• Instruction length: 1 to 3 bytes
• Data bit length: 1, 8 and 16 bits
• Minimum instruction execution time: 61.5 ns (machine clock frequency = 16.25 MHz)
• Interrupt processing time: 0.6 µs (machine clock frequency = 16.25 MHz)
General-purpose I/O
• I/O port:21
• CMOS I/O:17
• N-ch open drain:4
• I/O port:29
• CMOS I/O:25
• N-ch open drain:4
• I/O port:45
• CMOS I/O:41
• N-ch open drain:4
Time-base timer
Interval time: 0.256 ms to 8.3 s (external clock frequency = 4 MHz)
Hardware/software
watchdog timer
• Reset generation cycle - Main oscillation clock at 10 MHz: 105 ms (Min)
• The sub-CR clock can be used as the source clock of the software watchdog timer.
Wild register
It can be used to replace three bytes of data.
8/10-bit A/D converter
4 channels
6 channels
8 channels
8-bit or 10-bit resolution can be selected.
8/16-bit composite timer 1 channel
2 channels
2 channels
• The timer can be configured as an “8-bit timer × 2 channels” or a “16-bit timer × 1 channel”.
• It has the following functions: interval timer function, PWC function, PWM function and input capture
function.
• Count clock: it can be selected from internal clocks (seven types) and external clocks.
• It can output square wave.
External interrupt
6 channels
8 channels
10 channels
Interrupt by edge detection (The rising edge, falling edge, and both edges can be selected.)
It can be used to wake up the device from different standby modes.
On-chip debug
• 1-wire serial control
• It supports serial writing (asynchronous mode).
UART/SIO
1 channel
• Data transfer with UART/SIO is enabled.
• It has a full duplex double buffer, variable data length (5/6/7/8 bits), an internal baud rate generator and
an error detection function.
• It uses the NRZ type transfer format.
• LSB-first data transfer and MSB-first data transfer are available to use.
• Both clock asynchronous (UART) serial data transfer and clock synchronous (SIO) serial data transfer
are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com