Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB95F856K Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 67Page - Cypress Semiconductor MB95F856K Datasheet HTML 68Page - Cypress Semiconductor MB95F856K Datasheet HTML 69Page - Cypress Semiconductor MB95F856K Datasheet HTML 70Page - Cypress Semiconductor MB95F856K Datasheet HTML 71Page - Cypress Semiconductor MB95F856K Datasheet HTML 72Page - Cypress Semiconductor MB95F856K Datasheet HTML 73Page - Cypress Semiconductor MB95F856K Datasheet HTML 74Page - Cypress Semiconductor MB95F856K Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 71 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
14.1.7 Port G
Port G is a general-purpose I/O port. This section focuses on its functions as a general-purpose I/O port. For details of peripheral
functions, refer to their respective chapters in “New 8FX MB95850K/860K/870K Series Hardware Manual”.
1. Port G configuration
■ Port G is made up of the following elements.
❐ General-purpose I/O pins/peripheral function I/O pins
❐ Port G data register (PDRG)
❐ Port G direction register (DDRG)
❐ Port G pull-up register (PULG)
2. Block diagram of port G
■ PG1/X0A/DIO04 pin
This pin has the following peripheral functions:
❐ Subclock input oscillation pin (X0A)
❐ TS direct output ch. 4 pin (DIO04)
■ PG2/X1A/DIO03 pin
This pin has the following peripheral functions:
❐ Subclock I/O oscillation pin (X1A)
❐ TS direct output ch. 3 pin (DIO03)
■ Block diagram of PG1/X0A/DIO04 and PG2/X1A/DIO03
PDRG
Pin
PDRG read
PDRG write
Executing bit manipulation instruction
DDRG read
DDRG write
PULG read
PULG write
DDRG
PULG
0
1
1
0
Stop mode, watch mode (SPL = 1)
Peripheral function output enable
Peripheral function output
Hysteresis
Pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com