Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB95F856K Datasheet(PDF) 84 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 84 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 80Page - Cypress Semiconductor MB95F856K Datasheet HTML 81Page - Cypress Semiconductor MB95F856K Datasheet HTML 82Page - Cypress Semiconductor MB95F856K Datasheet HTML 83Page - Cypress Semiconductor MB95F856K Datasheet HTML 84Page - Cypress Semiconductor MB95F856K Datasheet HTML 85Page - Cypress Semiconductor MB95F856K Datasheet HTML 86Page - Cypress Semiconductor MB95F856K Datasheet HTML 87Page - Cypress Semiconductor MB95F856K Datasheet HTML 88Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 84 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
14.2.3 Port 4
Port 4 is a general-purpose I/O port. This section focuses on its functions as a general-purpose I/O port. For details of peripheral
functions, refer to their respective chapters in “New 8FX MB95850K/860K/870K Series Hardware Manual”.
1. Port 4 configuration
■ Port 4 is made up of the following elements.
❐ General-purpose I/O pins/peripheral function I/O pins
❐ Port 4 data register (PDR4)
❐ Port 4 direction register (DDR4)
❐ Port 4 pull-up register (PUL4)
❐ A/D input disable register (lower) (AIDRL)
2. Block diagrams of port 4
■ P44/AN06/TO00/DIO03/PPG10 pin
This pin has the following peripheral functions:
❐ 8/10-bit A/D converter analog input pin (AN06)
❐ 8/16-bit composite timer ch. 0 output pin (TO00)
❐ TS direct output ch. 3 pin (DIO03)
❐ 8/16-bit PPG ch. 1 output pin (PPG10)
■ P45/AN07/TO01/DIO04/PPG11 pin
This pin has the following peripheral functions:
❐ 8/10-bit A/D converter analog input pin (AN07)
❐ 8/16-bit composite timer ch. 0 output pin (TO01)
❐ TS direct output ch. 4 pin (DIO04)
❐ 8/16-bit PPG ch. 1 output pin (PPG11)
■ Block diagram of P44/AN06/TO00/DIO03/PPG10 and P45/AN07/TO01/DIO04/PPG11
PDR4
Pin
PDR4 read
PDR4 write
Executing bit manipulation instruction
DDR4 read
DDR4 write
PUL4 read
PUL4 write
AIDRL read
AIDRL write
DDR4
PUL4
AIDRL
0
1
1
0
Stop mode, watch mode (SPL = 1)
Peripheral function output enable
Peripheral function output
A/D analog input
Hysteresis
Pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com