Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C1663KV18 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1663KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1663KV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 5 of 31
CY7C1663KV18/CY7C1665KV18
Pin Definitions
Pin Name
I/O
Pin Description
D[x:0]
Input-
Synchronous
Data input signals. Sampled on the rising edge of K and K clocks when valid write operations are active.
CY7C1663KV18
 D[17:0]
CY7C1665KV18
 D[35:0]
WPS
Input-
Synchronous
Write port select
 Active Low. Sampled on the rising edge of the K clock. When asserted active, a
write operation is initiated. Deasserting deselects the write port. Deselecting the write port ignores D[x:0].
BWS0,
BWS1,
BWS2,
BWS3
Input-
Synchronous
Byte write select 0, 1, 2, and 3
 Active Low. Sampled on the rising edge of the K and K clocks when
write operations are active. Used to select which byte is written into the device during the current portion
of the write operations. Bytes not written remain unaltered.
CY7C1663KV18
 BWS0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1665KV18
 BWS0 controls D[8:0], BWS1 controls D[17:9],
BWS2 controls D[26:18] and BWS3 controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
Synchronous
Address inputs. Sampled on the rising edge of the K clock during active read and write operations.
These address inputs are multiplexed for both read and write operations. Internally, the device is
organized as 8M × 18 (4 arrays each of 2M × 18) for CY7C1663KV18 and 4M × 36 (4 arrays each of
1M × 36) for CY7C1665KV18. Therefore, only 21 address inputs are needed to access the entire memory
array of CY7C1663KV18 and 20 address inputs for CY7C1665KV18. These inputs are ignored when
the appropriate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data output signals. These pins drive out the requested data when the read operation is active. Valid
data is driven out on the rising edge of the K and K clocks during read operations. On deselecting the
read port, Q[x:0] are automatically tristated.
CY7C1663KV18
 Q[17:0]
CY7C1665KV18
 Q[35:0]
RPS
Input-
Synchronous
Read port select
 Active Low. Sampled on the rising edge of positive input clock (K). When active, a
read operation is initiated. Deasserting deselects the read port. When deselected, the pending access
is allowed to complete and the output drivers are automatically tristated following the next rising edge of
the K clock. Each read access consists of a burst of four sequential transfers.
QVLD
Valid output
indicator
Valid output indicator. The Q Valid indicates valid output data. QVLD is edge aligned with CQ and CQ.
K
Input Clock Positive input clock input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0]. All accesses are initiated on the rising edge of K.
K
Input Clock Negative input clock input. K is used to capture synchronous inputs being presented to the device and
to drive out data through Q[x:0].
CQ
Echo Clock Synchronous echo clock outputs. This is a free running clock and is synchronized to the input clock
(K) of the QDR II+. The timings for the echo clocks are shown in the Switching Characteristics on page 24.
CQ
Echo Clock Synchronous echo clock outputs. This is a free running clock and is synchronized to the input clock
(K) of the QDR II+.The timings for the echo clocks are shown in the Switching Characteristics on page 24.
ZQ
Input
Output impedance matching input. This input is used to tune the device outputs to the system data
bus impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 × RQ, where RQ is a resistor
connected between ZQ and ground. Alternatively, this pin can be connected directly to VDDQ, which
enables the minimum impedance mode. This pin cannot be connected directly to GND or left
unconnected.
DOFF
Input
PLL turn off
 Active Low. Connecting this pin to ground turns off the PLL inside the device. The timings
in the PLL turned off operation differs from those listed in this data sheet. For normal operation, this pin
can be connected to a pull-up through a 10 K
 or less pull-up resistor. The device behaves in QDR I
mode when the PLL is turned off. In this mode, the device can be operated at a frequency of up to
167 MHz with QDR I timing.
TDO
Output
Test data-out (TDO) pin for JTAG.
TCK
Input
Test clock (TCK) pin for JTAG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com