Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C1663KV18 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CY7C1663KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CY7C1663KV18 Datasheet HTML 16Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 20 of 31
CY7C1663KV18/CY7C1665KV18
Power Up Sequence in QDR II+ SRAM
QDR II+ SRAMs must be powered up and initialized in a
predefined manner to prevent undefined operations.
Power Up Sequence
■ Apply power and drive DOFF either high or low (all other inputs
can be high or low).
❐ Apply VDD before VDDQ.
❐ Apply VDDQ before VREF or at the same time as VREF.
❐ Drive DOFF high.
■ Provide stable DOFF (high), power and clock (K, K) for 20 s
to lock the PLL
PLL Constraints
■ PLL uses K clock as its synchronizing input. The input must
have low phase jitter, which is specified as tKC Var.
■ The PLL functions at frequencies down to 120 MHz.
■ If the input clock is unstable and the PLL is enabled, then the
PLL may lock onto an incorrect frequency, causing unstable
SRAM behavior. To avoid this, provide 20
s of stable clock to
relock to the desired clock frequency.
Figure 4. Power Up Waveforms
> 20μs Stable clock
Start Normal
Operation
DOFF
Stable (< +/- 0.1V DC per 50ns )
Fix HIGH (or tie to VDDQ)
K
K
DDQ
DD
V
V
/
DDQ
DD
V
V
/
Clock Start (Clock Starts after
Stable)
DDQ
DD
V
V
/
Unstable Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com