Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C1663KV18 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY7C1663KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY7C1663KV18 Datasheet HTML 14Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 15Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 16Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 18 of 31
CY7C1663KV18/CY7C1665KV18
Identification Register Definitions
Instruction Field
Value
Description
CY7C1663KV18
CY7C1665KV18
Revision number (31:29)
000
000
Version number.
Cypress device ID (28:12)
11010010001010011
11010010001100011
Defines the type of SRAM.
Cypress JEDEC ID (11:1)
00000110100
00000110100
Allows unique identification of SRAM
vendor.
ID register presence (0)
1
1
Indicates the presence of an ID register.
Scan Register Sizes
Register Name
Bit Size
Instruction
3
Bypass
1
ID
32
Boundary Scan
109
Instruction Codes
Instruction
Code
Description
EXTEST
000
Captures the input and output ring contents.
IDCODE
001
Loads the ID register with the vendor ID code and places the register between TDI and TDO.
This operation does not affect SRAM operation.
SAMPLE Z
010
Captures the input and output contents. Places the boundary scan register between TDI and
TDO. Forces all SRAM output drivers to a High Z state.
RESERVED
011
Do Not Use: This instruction is reserved for future use.
SAMPLE/PRELOAD
100
Captures the input and output ring contents. Places the boundary scan register between TDI
and TDO. Does not affect the SRAM operation.
RESERVED
101
Do Not Use: This instruction is reserved for future use.
RESERVED
110
Do Not Use: This instruction is reserved for future use.
BYPASS
111
Places the bypass register between TDI and TDO. This operation does not affect SRAM
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com