Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C1663KV18 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CY7C1663KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CY7C1663KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 22 of 31
CY7C1663KV18/CY7C1665KV18
IDD [28]
VDD operating supply
VDD = Max, IOUT = 0 mA,
f = fMAX = 1/tCYC
550 MHz (× 18)
–
–
1090
mA
(× 36)
–
–
1520
450 MHz (× 18)
–
–
940
mA
(× 36)
–
–
1290
ISB1
Automatic power down
current
Max VDD,
Both Ports Deselected,
VIN  VIH or VIN  VIL,
f = fMAX = 1/tCYC,
Inputs Static
550 MHz (× 18)
–
–
500
mA
(× 36)
–
–
500
450 MHz (× 18)
–
–
460
mA
(× 36)
–
–
460
Electrical Characteristics (continued)
Over the Operating Range
DC Electrical Characteristics (continued)
Over the Operating Range
Parameter [24]
Description
Test Conditions
Min
Typ
Max
Unit
Note
28. The operation current is calculated with 50% read cycle and 50% write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com