Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C1663KV18 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CY7C1663KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CY7C1663KV18 Datasheet HTML 15Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 16Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 19 of 31
CY7C1663KV18/CY7C1665KV18
Boundary Scan Order
Bit #
Bump ID
Bit #
Bump ID
Bit #
Bump ID
Bit #
Bump ID
0
6R
28
10G
56
6A
84
1J
1
6P29
9G
57
5B85
2J
2
6N
30
11F
58
5A
86
3K
3
7P
31
11G
59
4A
87
3J
47N
32
9F
60
5C
88
2K
5
7R
33
10F
61
4B
89
1K
6
8R
34
11E
62
3A
90
2L
7
8P
35
10E
63
2A
91
3L
8
9R
36
10D
64
1A
92
1M
9
11P
37
9E
65
2B
93
1L
10
10P
38
10C
66
3B
94
3N
11
10N
39
11D
67
1C
95
3M
12
9P
40
9C
68
1B
96
1N
13
10M
41
9D
69
3D
97
2M
14
11N
42
11B
70
3C
98
3P
15
9M
43
11C
71
1D
99
2N
16
9N
44
9B
72
2C
100
2P
17
11L
45
10B
73
3E
101
1P
18
11M
46
11A
74
2D
102
3R
19
9L
47
10A
75
2E
103
4R
20
10L
48
9A
76
1E
104
4P
21
11K
49
8B
77
2F
105
5P
22
10K
50
7C
78
3F
106
5N
23
9J
51
6C
79
1G
107
5R
24
9K
52
8A
80
1F
108
Internal
25
10J
53
7A
81
3G
26
11J
54
7B
82
2G
27
11H
55
6B
83
1H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com