Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 19Page - Microchip Technology PIC16F818-E/P Datasheet HTML 20Page - Microchip Technology PIC16F818-E/P Datasheet HTML 21Page - Microchip Technology PIC16F818-E/P Datasheet HTML 22Page - Microchip Technology PIC16F818-E/P Datasheet HTML 23Page - Microchip Technology PIC16F818-E/P Datasheet HTML 24Page - Microchip Technology PIC16F818-E/P Datasheet HTML 25Page - Microchip Technology PIC16F818-E/P Datasheet HTML 26Page - Microchip Technology PIC16F818-E/P Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 21
PIC16F818/819
2.2.2.6
PIE2 Register
The PIE2 register contains the individual enable bit for
the EEPROM write operation interrupt.
REGISTER 2-6:
PIE2: PERIPHERAL INTERRUPT ENABLE REGISTER 2 (ADDRESS 8Dh)
2.2.2.7
PIR2 Register
The PIR2 register contains the flag bit for the EEPROM
write operation interrupt.
.
REGISTER 2-7:
PIR2: PERIPHERAL INTERRUPT REQUEST (FLAG) REGISTER 2 (ADDRESS 0Dh)
U-0
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
—
—
—
EEIE
—
—
—
—
bit 7
bit 0
bit 7-5
Unimplemented: Read as ‘0’
bit 4
EEIE: EEPROM Write Operation Interrupt Enable bit
1
= Enable EE write interrupt
0
= Disable EE write interrupt
bit 3-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Note:
Interrupt flag bits are set when an interrupt
condition occurs regardless of the state of
its corresponding enable bit or the Global
Interrupt Enable bit, GIE (INTCON<7>).
User software should ensure the appropri-
ate interrupt flag bits are clear prior to
enabling an interrupt.
U-0
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
—
—
—
EEIF
—
—
—
—
bit 7
bit 0
bit 7-5
Unimplemented: Read as ‘0’
bit 4
EEIF: EEPROM Write Operation Interrupt Enable bit
1
= Enable EE write interrupt
0
= Disable EE write interrupt
bit 3-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com