Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 12Page - Microchip Technology PIC16F818-E/P Datasheet HTML 13Page - Microchip Technology PIC16F818-E/P Datasheet HTML 14Page - Microchip Technology PIC16F818-E/P Datasheet HTML 15Page - Microchip Technology PIC16F818-E/P Datasheet HTML 16Page - Microchip Technology PIC16F818-E/P Datasheet HTML 17Page - Microchip Technology PIC16F818-E/P Datasheet HTML 18Page - Microchip Technology PIC16F818-E/P Datasheet HTML 19Page - Microchip Technology PIC16F818-E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 176 page
background image
PIC16F818/819
DS39598E-page 14
 2004 Microchip Technology Inc.
Bank 1
80h(1)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
23
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
17, 54
82h(1)
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
23
83h(1)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
16
84h(1)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
23
85h
TRISA
TRISA7
TRISA6
TRISA5(3)
PORTA Data Direction Register (TRISA<4:0>
1111 1111
39
86h
TRISB
PORTB Data Direction Register
1111 1111
43
87h
—
Unimplemented
—
—
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah(1,2)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the PC
---0 0000
23
8Bh(1)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
18
8Ch
PIE1
—ADIE
—
—
SSPIE
CCP1IE
TMR2IE
TMR1IE
-0-- 0000
19
8Dh
PIE2
—
—
—
EEIE
—
—
—
—
---0 ----
21
8Eh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
22
8Fh
OSCCON
—
IRCF2
IRCF1
IRCF0
—
IOFS
—
—
-000 -0--
38
90h(1)
OSCTUNE
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
--00 0000
36
91h
—
Unimplemented
—
—
92h
PR2
Timer2 Period Register
1111 1111
68
93h
SSPADD
Synchronous Serial Port (I2C™ mode) Address Register
0000 0000
71, 76
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
72
95h
—
Unimplemented
—
—
96h
—
Unimplemented
—
—
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
—
Unimplemented
—
—
9Ah
—
Unimplemented
—
—
9Bh
—
Unimplemented
—
—
9Ch
—
Unimplemented
—
—
9Dh
—
Unimplemented
—
—
9Eh
ADRESL
A/D Result Register Low Byte
xxxx xxxx
81
9Fh
ADCON1
ADFM
ADCS2
—
—
PCFG3
PCFG2
PCFG1
PCFG0
00-- 0000
82
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
These registers can be addressed from any bank.
2:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are
transferred to the upper byte of the program counter.
3:
Pin 5 is an input only; the state of the TRISA5 bit has no effect and will always read ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com