Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 7Page - Microchip Technology PIC16F818-E/P Datasheet HTML 8Page - Microchip Technology PIC16F818-E/P Datasheet HTML 9Page - Microchip Technology PIC16F818-E/P Datasheet HTML 10Page - Microchip Technology PIC16F818-E/P Datasheet HTML 11Page - Microchip Technology PIC16F818-E/P Datasheet HTML 12Page - Microchip Technology PIC16F818-E/P Datasheet HTML 13Page - Microchip Technology PIC16F818-E/P Datasheet HTML 14Page - Microchip Technology PIC16F818-E/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 9
PIC16F818/819
2.0
MEMORY ORGANIZATION
There are two memory blocks in the PIC16F818/819.
These are the program memory and the data memory.
Each block has its own bus, so access to each block
can occur during the same oscillator cycle.
The data memory can be further broken down into the
general purpose RAM and the Special Function
Registers (SFRs). The operation of the SFRs that
control the “core” are described here. The SFRs used
to control the peripheral modules are described in the
section discussing each individual peripheral module.
The data memory area also contains the data
EEPROM memory. This memory is not directly mapped
into the data memory but is indirectly mapped. That is,
an indirect address pointer specifies the address of the
data EEPROM memory to read/write. The PIC16F818
device’s 128 bytes of data EEPROM memory have the
address range of 00h-7Fh and the PIC16F819 device’s
256 bytes of data EEPROM memory have the address
range of 00h-FFh. More details on the EEPROM
memory can be found in Section 3.0 “Data EEPROM
and Flash Program Memory”.
Additional information on device memory may be found
in the “PICmicro® Mid-Range Reference Manual”
(DS33023).
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR
PIC16F818
2.1
Program Memory Organization
The PIC16F818/819 devices have a 13-bit program
counter capable of addressing an 8K x 14 program
memory space. For the PIC16F818, the first 1K x 14
(0000h-03FFh)
is
physically
implemented
(see
Figure 2-1). For the PIC16F819, the first 2K x 14 is
located at 0000h-07FFh (see Figure 2-2). Accessing a
location above the physically implemented address will
cause a wraparound. For example, the same instruc-
tion will be accessed at locations 020h, 420h, 820h,
C20h, 1020h, 1420h, 1820h and 1C20h.
The Reset vector is at 0000h and the interrupt vector is
at 0004h.
FIGURE 2-2:
PROGRAM MEMORY MAP
AND STACK FOR
PIC16F819
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-Chip
CALL, RETURN
RETFIE, RETLW
1FFFh
Stack Level 2
Program
Memory
Page 0
03FFh
0400h
Wraps to
0000h-03FFh
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-Chip
CALL, RETURN
RETFIE, RETLW
1FFFh
Stack Level 2
Program
Memory
Page 0
07FFh
0800h
Wraps to
0000h-07FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com