Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 72Page - Microchip Technology PIC16F818-E/P Datasheet HTML 73Page - Microchip Technology PIC16F818-E/P Datasheet HTML 74Page - Microchip Technology PIC16F818-E/P Datasheet HTML 75Page - Microchip Technology PIC16F818-E/P Datasheet HTML 76Page - Microchip Technology PIC16F818-E/P Datasheet HTML 77Page - Microchip Technology PIC16F818-E/P Datasheet HTML 78Page - Microchip Technology PIC16F818-E/P Datasheet HTML 79Page - Microchip Technology PIC16F818-E/P Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 176 page
background image
PIC16F818/819
DS39598E-page 74
 2004 Microchip Technology Inc.
FIGURE 10-1:
SSP BLOCK DIAGRAM
(SPI™ MODE)
To enable the serial port, SSP Enable bit, SSPEN
(SSPCON<5>), must be set. To reset or reconfigure
SPI mode, clear bit SSPEN, reinitialize the SSPCON
register and then set bit SSPEN. This configures the
SDI, SDO, SCK and SS pins as serial port pins. For the
pins to behave as the serial port function, they must
have their data direction bits (in the TRISB register)
appropriately programmed. That is:
• SDI must have TRISB<1> set
• SDO must have TRISB<2> cleared
• SCK (Master mode) must have TRISB<4> cleared
• SCK (Slave mode) must have TRISB<4> set
•SS must have TRISB<5> set
TABLE 10-1:
REGISTERS ASSOCIATED WITH SPI™ OPERATION
Read
Write
Internal
Data Bus
RB1/SDI/SDA
RB2/SDO/
RB5/SS
RB4/SCK/
SSPSR reg
SSPBUF reg
SSPM3:SSPM0
bit 0
Shift
Clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 Output
TCY
Prescaler
4, 16, 64
TRISB<4>
2
Edge
Select
2
4
SCL
CCP1
Note 1: When
the
SPI
is
in
Slave
mode
with the SS
pin
control
enabled
(SSPCON<3:0> = 0100), the SPI module
will reset if the SS pin is set to VDD.
2: If the SPI is used in Slave mode with
CKE = 1, then the SS pin control must be
enabled.
3: When
the
SPI
is
in
Slave
mode
with the SS
pin
control
enabled
(SSPCON<3:0> = 0100), the state of the
SS pin can affect the state read back from
the TRISB<2> bit. The peripheral OE
signal from the SSP module into PORTB
controls the state that is read back from
the TRISB<2> bit. If read-modify-write
instructions, such as BSF are performed
on the TRISB register while the SS pin is
high, this will cause the TRISB<2> bit to
be set, thus disabling the SDO output.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
0Bh,8Bh
10Bh,18Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
—
ADIF
—
—
SSPIF
CCP1IF TMR2IF TMR1IF -0-- 0000 -0-- 0000
8Ch
PIE1
—
ADIE
—
—SSPIE
CCP1IE TMR2IE TMR1IE -0-- 0000 -0-- 0000
86h
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
uuuu uuuu
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
0000 0000
94h
SSPSTAT
SMP
CKE
D/A
P
S
R/W
UA
BF
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by the SSP in SPI™ mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com