Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 92Page - Microchip Technology PIC16F818-E/P Datasheet HTML 93Page - Microchip Technology PIC16F818-E/P Datasheet HTML 94Page - Microchip Technology PIC16F818-E/P Datasheet HTML 95Page - Microchip Technology PIC16F818-E/P Datasheet HTML 96Page - Microchip Technology PIC16F818-E/P Datasheet HTML 97Page - Microchip Technology PIC16F818-E/P Datasheet HTML 98Page - Microchip Technology PIC16F818-E/P Datasheet HTML 99Page - Microchip Technology PIC16F818-E/P Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 176 page
background image
PIC16F818/819
DS39598E-page 94
 2004 Microchip Technology Inc.
TABLE 12-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Power-on Reset,
Brown-out Reset
MCLR Reset,
WDT Reset
Wake-up via WDT or
Interrupt
W
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
N/A
N/A
N/A
TMR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000h
0000h
PC + 1(2)
STATUS
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
xxx0 0000
uuu0 0000
uuuu uuuu
PORTB
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCLATH
---0 0000
---0 0000
---u uuuu
INTCON
0000 000x
0000 000u
uuuu uuuu(1)
PIR1
-0-- 0000
-0-- 0000
-u-- uuuu(1)
PIR2
---0 ----
---0 ----
---u ----(1)
TMR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
--00 0000
--uu uuuu
--uu uuuu
TMR2
0000 0000
0000 0000
uuuu uuuu
T2CON
-000 0000
-000 0000
-uuu uuuu
SSPBUF
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPCON
0000 0000
0000 0000
uuuu uuuu
CCPR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
--00 0000
--00 0000
--uu uuuu
ADRESH
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
0000 00-0
0000 00-0
uuuu uu-u
OPTION_REG
1111 1111
1111 1111
uuuu uuuu
TRISA
1111 1111
1111 1111
uuuu uuuu
TRISB
1111 1111
1111 1111
uuuu uuuu
PIE1
-0-- 0000
-0-- 0000
-u-- uuuu
PIE2
---0 ----
---0 ----
---u ----
PCON
---- --qq
---- --uu
---- --uu
OSCCON
-000 -0--
-000 -0--
-uuu -u--
OSCTUNE
--00 0000
--00 0000
--uu uuuu
PR2
1111 1111
1111 1111
1111 1111
SSPADD
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
0000 0000
0000 0000
uuuu uuuu
ADRESL
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON1
00-- 0000
00-- 0000
uu-- uuuu
EEDATA
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEADR
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEDATH
--xx xxxx
--uu uuuu
--uu uuuu
EEADRH
---- -xxx
---- -uuu
---- -uuu
EECON1
x--x x000
u--x u000
u--u uuuu
EECON2
---- ----
---- ----
---- ----
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition,
r
= reserved, maintain clear
Note 1:
One or more bits in INTCON, PIR1 and PR2 will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
3:
See Table 12-3 for Reset value for specific conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com