Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 42Page - Microchip Technology PIC16F818-E/P Datasheet HTML 43Page - Microchip Technology PIC16F818-E/P Datasheet HTML 44Page - Microchip Technology PIC16F818-E/P Datasheet HTML 45Page - Microchip Technology PIC16F818-E/P Datasheet HTML 46Page - Microchip Technology PIC16F818-E/P Datasheet HTML 47Page - Microchip Technology PIC16F818-E/P Datasheet HTML 48Page - Microchip Technology PIC16F818-E/P Datasheet HTML 49Page - Microchip Technology PIC16F818-E/P Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 176 page
background image
PIC16F818/819
DS39598E-page 44
 2004 Microchip Technology Inc.
TABLE 5-3:
PORTB FUNCTIONS
TABLE 5-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit#
Buffer
Function
RB0/INT
bit 0
TTL/ST(1) Input/output pin or external interrupt input.
Internal software programmable weak pull-up.
RB1/SDI/SDA
bit 1
TTL/ST(5) Input/output pin, SPI™ data input pin or I2C™ data I/O pin.
Internal software programmable weak pull-up.
RB2/SDO/CCP1
bit 2
TTL/ST(4) Input/output pin, SPI data output pin or
Capture input/Compare output/PWM output pin.
Internal software programmable weak pull-up.
RB3/CCP1/PGM(3)
bit 3
TTL/ST(2) Input/output pin, Capture input/Compare output/PWM output pin
or programming in LVP mode. Internal software programmable
weak pull-up.
RB4/SCK/SCL
bit 4
TTL/ST(5) Input/output pin or SPI and I2C clock pin (with interrupt-on-change).
Internal software programmable weak pull-up.
RB5/SS
bit 5
TTL
Input/output pin or SPI slave select pin (with interrupt-on-change).
Internal software programmable weak pull-up.
RB6/T1OSO/T1CKI/
PGC
bit 6
TTL/ST(2) Input/output pin, Timer1 oscillator output pin, Timer1 clock input pin or
serial programming clock (with interrupt-on-change).
Internal software programmable weak pull-up.
RB7/T1OSI/PGD
bit 7
TTL/ST(2) Input/output pin, Timer1 oscillator input pin or serial programming data
(with interrupt-on-change).
Internal software programmable weak pull-up.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
Low-Voltage ICSP™ Programming (LVP) is enabled by default which disables the RB3 I/O function. LVP
must be disabled to enable RB3 as an I/O pin and allow maximum compatibility to the other 18-pin
mid-range devices.
4:
This buffer is a Schmitt Trigger input when configured for CCP or SSP mode.
5:
This buffer is a Schmitt Trigger input when configured for SPI or I2C mode.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
06h, 106h PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
86h, 186h TRISB
PORTB Data Direction Register
1111 1111
1111 1111
81h, 181h OPTION_REG RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com