Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 100Page - Microchip Technology PIC16F818-E/P Datasheet HTML 101Page - Microchip Technology PIC16F818-E/P Datasheet HTML 102Page - Microchip Technology PIC16F818-E/P Datasheet HTML 103Page - Microchip Technology PIC16F818-E/P Datasheet HTML 104Page - Microchip Technology PIC16F818-E/P Datasheet HTML 105Page - Microchip Technology PIC16F818-E/P Datasheet HTML 106Page - Microchip Technology PIC16F818-E/P Datasheet HTML 107Page - Microchip Technology PIC16F818-E/P Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 176 page
background image
PIC16F818/819
DS39598E-page 102
 2004 Microchip Technology Inc.
12.18 Low-Voltage ICSP Programming
The LVP bit of the Configuration Word register enables
Low-Voltage ICSP Programming. This mode allows the
microcontroller to be programmed via ICSP using a
VDD source in the operating voltage range. This only
means that VPP does not have to be brought to VIHH but
can instead be left at the normal operating voltage. In
this mode, the RB3/PGM pin is dedicated to the
programming function and ceases to be a general
purpose I/O pin.
If Low-Voltage Programming mode is not used, the LVP
bit can be programmed to a ‘0’ and RB3/PGM becomes
a digital I/O pin. However, the LVP bit may only be
programmed when Programming mode is entered with
VIHH on MCLR. The LVP bit can only be changed when
using high voltage on MCLR.
It should be noted that once the LVP bit is programmed
to ‘0’, only the High-Voltage Programming mode is
available and only this mode can be used to program
the device.
When using Low-Voltage ICSP, the part must be
supplied at 4.5V to 5.5V if a bulk erase will be executed.
This includes reprogramming of the code-protect bits
from an ON state to an OFF state. For all other cases of
Low-Voltage ICSP, the part may be programmed at the
normal operating voltage. This means calibration values,
unique user IDs or user code can be reprogrammed or
added.
The following LVP steps assume the LVP bit is set in the
Configuration Word register.
1.
Apply VDD to the VDD pin.
2.
Drive MCLR low.
3.
Apply VDD to the RB3/PGM pin.
4.
Apply VDD to the MCLR pin.
5.
Follow with the associated programming steps.
Note 1: The High-Voltage Programming mode is
always available, regardless of the state
of the LVP bit, by applying VIHH to the
MCLR pin.
2: While
in
Low-Voltage
ICSP
mode
(LVP = 1), the RB3 pin can no longer be
used as a general purpose I/O pin.
3: When using Low-Voltage ICSP Program-
ming (LVP) and the pull-ups on PORTB
are enabled, bit 3 in the TRISB register
must be cleared to disable the pull-up on
RB3 and ensure the proper operation of
the device.
4: RB3 should not be allowed to float if LVP
is enabled. An external pull-down device
should be used to default the device to
normal operating mode. If RB3 floats
high, the PIC16F818/819 device will
enter Programming mode.
5: LVP mode is enabled by default on all
devices shipped from Microchip. It can be
disabled by clearing the LVP bit in the
Configuration Word register.
6: Disabling LVP will provide maximum
compatibility
to
other
PIC16CXXX
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com