Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 117Page - Microchip Technology PIC16F818-E/P Datasheet HTML 118Page - Microchip Technology PIC16F818-E/P Datasheet HTML 119Page - Microchip Technology PIC16F818-E/P Datasheet HTML 120Page - Microchip Technology PIC16F818-E/P Datasheet HTML 121Page - Microchip Technology PIC16F818-E/P Datasheet HTML 122Page - Microchip Technology PIC16F818-E/P Datasheet HTML 123Page - Microchip Technology PIC16F818-E/P Datasheet HTML 124Page - Microchip Technology PIC16F818-E/P Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 119
PIC16F818/819
15.1
DC Characteristics: Supply Voltage
PIC16F818/819 (Industrial, Extended)
PIC16LF818/819 (Industrial)
PIC16LF818/819
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC16F818/819
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
VDD
Supply Voltage
D001
PIC16LF818/819
2.0
—
5.5
V
HS, XT, RC and LP Oscillator mode
D001
PIC16F818/819
4.0
—
5.5
V
D002
VDR
RAM Data Retention
Voltage(1)
1.5
—
—
V
D003
VPOR
VDD Start Voltage
to ensure internal
Power-on Reset signal
—
—
0.7
V
See Section 12.4 “Power-on Reset (POR)”
for details
D004
SVDD
VDD Rise Rate
to ensure internal
Power-on Reset signal
0.05
—
—
V/ms See Section 12.4 “Power-on Reset (POR)”
for details
VBOR
Brown-out Reset Voltage
D005
PIC16LF818/819
3.65
—
4.35
V
D005
PIC16F818/819
3.65
—
4.35
V
FMAX = 14 MHz(2)
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
This is the limit to which VDD can be lowered in Sleep mode, or during a device Reset, without losing RAM data
2:
When BOR is enabled, the device will operate correctly until the VBOR voltage trip point is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com