Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 122Page - Microchip Technology PIC16F818-E/P Datasheet HTML 123Page - Microchip Technology PIC16F818-E/P Datasheet HTML 124Page - Microchip Technology PIC16F818-E/P Datasheet HTML 125Page - Microchip Technology PIC16F818-E/P Datasheet HTML 126Page - Microchip Technology PIC16F818-E/P Datasheet HTML 127Page - Microchip Technology PIC16F818-E/P Datasheet HTML 128Page - Microchip Technology PIC16F818-E/P Datasheet HTML 129Page - Microchip Technology PIC16F818-E/P Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 176 page
background image
PIC16F818/819
DS39598E-page 124
 2004 Microchip Technology Inc.
Supply Current (IDD)(2,3)
PIC16LF818/819
8
20
µA
-40°C
VDD = 2.0V
FOSC = 31.25 kHz
(RC_RUN mode,
Internal RC Oscillator)
715
µA+25°C
715
µA+85°C
PIC16LF818/819
16
30
µA
-40°C
VDD = 3.0V
14
25
µA+25°C
14
25
µA+85°C
All devices
32
40
µA
-40°C
VDD = 5.0V
29
35
µA+25°C
29
35
µA+85°C
Extended devices
35
45
µA
+125°C
PIC16LF818/819
132
160
µA
-40°C
VDD = 2.0V
FOSC = 1 MHz
(RC_RUN mode,
Internal RC Oscillator)
126
155
µA+25°C
126
155
µA+85°C
PIC16LF818/819
260
310
µA
-40°C
VDD = 3.0V
230
300
µA+25°C
230
300
µA+85°C
All devices
560
690
µA
-40°C
VDD = 5.0V
500
650
µA+25°C
500
650
µA+85°C
Extended devices
570
710
µA
+125°C
PIC16LF818/819
310
420
µA
-40°C
VDD = 2.0V
FOSC = 4 MHz
(RC_RUN mode,
Internal RC Oscillator)
300
410
µA+25°C
300
410
µA+85°C
PIC16LF818/819
550
650
µA
-40°C
VDD = 3.0V
530
620
µA+25°C
530
620
µA+85°C
All devices
1.2
1.5
mA
-40°C
VDD = 5.0V
1.1
1.4
mA
+25°C
1.1
1.4
mA
+85°C
Extended devices
1.3
1.6
mA
+125°C
15.2
DC Characteristics: Power-Down and Supply Current
PIC16F818/819 (Industrial, Extended)
PIC16LF818/819 (Industrial) (Continued)
PIC16LF818/819
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC16F818/819
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com