Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC55183ECMZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HC55183ECMZ
Description  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55183ECMZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  HC55183ECMZ Datasheet HTML 1Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 2Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 3Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 4Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 5Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 6Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 7Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 8Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
HC55183, HC55184
FN4519 Rev 8.00
Page 4 of 19
August 10, 2010
Absolute Maximum Ratings TA = 25°C
Thermal Information
Maximum Supply Voltages
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
VCC - VBAT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85V
Uncommitted Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . -110V
Maximum Tip/Ring Negative Voltage Pulse (Note 17). . . . . . . -115V
Maximum Tip/Ring Positive Voltage Pulse (Note 17) . . . . . . . . . .8V
ESD (Human Body Model). . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
Operating Conditions
Temperature Range
Commercial (C Suffix) . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Positive Power Supply (VCC). . . . . . . . . . . . . . . . . . . . . . . +5V 5%
Negative Power Supply (VBH, VBL) . . . . . . . . . . . . . . -24V to -75V
Uncommitted Switch (loop back or relay driver) . . . . . +5V to -100V
Thermal Resistance (Typical, Note 1)
JA (°C/W)
PLCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
55
Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profilesee link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Die Characteristics
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VBAT
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTE:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Unless Otherwise Specified, TA = 0°C to +70°C, VBL = -24V, VBH = -85V or -75V, VCC = +5V,
AGND = BGND = 0V, loop current limit = 25mA. All AC Parameters are specified at 600
 2-wire terminating
impedance over the frequency band of 300Hz to 3.4kHz. Protection resistors = 0
. These parameters apply
generically to each product offering.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RINGING PARAMETERS
(Note 2)
VRS Input Impedance (Note 3)
480
-
-
k
Differential Ringing Gain
VRS to 2-Wire, RLOAD = (Note 4)
78
80
82
V/V
4-Wire to 2-Wire Ringing Off Isolation
Active mode, referenced to VRS input.
-
60
-
dB
2-Wire to 4-Wire Transmit Isolation
Ringing mode referenced to the differential ringing
amplitude.
-60-
dB
AC TRANSMISSION PARAMETERS
(Notes 5, 6)
Receive Input Impedance (Note 3)
160
-
-
k
Transmit Output Impedance (Note 3)
--
1
4-Wire Port Overload Level
THD = 1%
3.1
3.5
-
VPK
2-Wire Port Overload Level
THD = 1%
3.1
3.5
-
VPK
2-Wire Return Loss
f = 300Hz
-
26
-
dB
f = 1kHz
-
32
-
dB
f = 2.3kHz
-
21
-
dB
f = 3.4kHz
-
17
-
dB
Longitudinal Current Capability (Per Wire) (Note 3)
Test for False Detect
20
-
-
mARMS
Test for False Detect, Low Power Standby
10
-
-
mARMS
4-Wire to 2-Wire Insertion Loss
-0.20
0.0
+0.30
dB
2-Wire to 4-Wire Insertion Loss
-6.22
-6.02
-5.82
dB
4-Wire to 4-Wire Insertion Loss
-6.32
-6.02
-5.82
dB
Idle Channel Noise 2-Wire
C-Message
-
16
19
dBrnC
Psophometric
-
-73.5
-71
dBmp
Idle Channel Noise 4-Wire
C-Message
-
10
13
dBrnC
Psophometric
-
-79.5
-77
dBmp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com