Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC55183ECMZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HC55183ECMZ
Description  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55183ECMZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HC55183ECMZ Datasheet HTML 5Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 6Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 7Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 8Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 9Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 10Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 11Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 12Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
HC55183, HC55184
FN4519 Rev 8.00
Page 9 of 19
August 10, 2010
Low Power Standby
Overview
The low power standby mode (LPS, 000) should be used
during idle line conditions. The device is designed to operate
from the high battery during this mode. Most of the internal
circuitry is powered down, resulting in low power dissipation. If
the 2-wire (tip/ring) DC voltage requirements are not critical
during idle line conditions, the device may be operated from
the low battery. Operation from the low battery will decrease
the standby power dissipation.
2-Wire Interface
During LPS, the 2-wire interface is maintained with internal
switches and voltage references. The Tip and Ring amplifiers
are turned off to conserve power. The device will provide MTU
compliance, loop current and loop supervision. Figure 2
represents the internal circuitry providing the 2-wire interface
during low power standby.
MTU Compliance
Maintenance Termination Unit or MTU compliance places DC
voltage requirements on the 2-wire terminals during idle line
conditions. The minimum idle voltage is 42.75V. The high side
of the MTU range is 56V. The voltage is expressed as the
difference between Tip and Ring.
The Tip voltage is held near ground through a 600
 resistor
and switch. The Ring voltage is limited to a maximum of -49V
(by MTU REF) when operating from either the high or low
battery. A switch and 600
 resistor connect the MTU reference
to the Ring terminal. When the high battery voltage exceeds
the MTU reference of -49V (typically), the Ring terminal will be
clamped by the internal reference. The same Ring
relationships apply when operating from the low battery
voltage. For high battery voltages (VBH) less than or equal to
the internal MTU reference threshold:
Loop Current
During LPS, the device will provide current to a load. The
current path is through resistors and switches, and will be
function of the off hook loop resistance (RLOOP). This includes
the off hook phone resistance and copper loop resistance. The
current available during LPS is determined by Equation 13.
Internal current limiting of the standby switches will limit the
maximum current to 20mA.
Another loop current related parameter is longitudinal current
capability. The longitudinal current capability is reduced to
10mARMS per pin. The reduction in longitudinal current
capability is a result of turning off the Tip and Ring amplifiers.
On Hook Power Dissipation
The on hook power dissipation of the device during LPS is
determined by the operating voltages and quiescent currents
and is calculated using Equation 14.
The quiescent current terms are specified in the electrical
tables for each operating mode. Load power dissipation is not
a factor since this is an on hook mode. Some applications may
specify a standby current. The standby current may be a
charging current required for modern telephone electronics.
Standby Current Power Dissipation
Any standby line current, ISLC, introduces an additional power
dissipation term PSLC. Equation 15 illustrates the power
contribution is zero when the standby line current is zero.
If the battery voltage is less than -49V (the MTU clamp is off),
the standby line current power contribution reduces to
Equation 16.
Most applications do not specify charging current requirements
during standby. When specified, the typical charging current
may be as high as 5mA.
TABLE 1. DEVICE INTERFACES DURING LPS
INTERFACE
ON
OFF
NOTES
Receive
x
AC transmission, impedance
matching and ringing are
disabled during this mode.
Ringing
x
Transmit
x
2-Wire
x
Amplifiers disabled.
Loop Detect
x
Switch hook or ground key.
FIGURE 2. LPS 2-WIRE INTERFACE CIRCUIT DIAGRAM
TIP AMP
RING AMP
TIP
RING
MTU REF
GND
600
600
VRING
VBH 4
+
=
(EQ. 12)
ILOOP
1
–
49
–

–
 600 600 RLOOP
++

=
(EQ. 13)
PLPS VBH IBHQ
VBL IBLQ
VCC ICCQ
++
=
(EQ. 14)
PSLC ISLC
VBH 49
–
1ISLCx1200
++

=
(EQ. 15)
PSLC ISLC
VBH 1ISLCx1200
++

=
(EQ. 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com