Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC55183ECMZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HC55183ECMZ
Description  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55183ECMZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HC55183ECMZ Datasheet HTML 11Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 12Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 13Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 14Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 15Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 16Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 17Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 18Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
HC55183, HC55184
FN4519 Rev 8.00
Page 16 of 19
August 10, 2010
Basic Application Circuits
.
TABLE 2. BASIC APPLICATION CIRCUIT COMPONENT LIST
COMPONENT
VALUE
TOLERANCE
RATING
U1 - Ringing SLIC
HC5518x
N/A
N/A
RRT
20k
1%
0.1W
RSH
49.9k
1%
0.1W
RIL
71.5k
1%
0.1W
RS
210k
1%
0.1W
CRX, CRS, CTX, CRT, CPOL, CFB
0.47
F
20%
10V
CDC
4.7
F
20%
10V
CPS1
0.1
F
20%
>100V
CPS2, CPS3
0.1
F
20%
100V
D1
1N400X type with breakdown > 100V.
RP1, RP2
Protection resistor values are application dependent and will be determined by protection
requirements. Standard applications will use
35 per side.
Design Parameters
: Ring Trip Threshold = 90mAPEAK, Switch Hook Threshold = 12mA, Loop Current Limit = 24.6mA, Synthesize Device
Impedance = 210k
/400 = 525, with 39 protection resistors, impedance across Tip and Ring terminals = 603. Where applicable, these
component values apply to the Basic Application Circuits for the HC55183 and HC55184. Pins not shown in the Basic Application Circuit are no
connect (NC) pins.
FIGURE 14. HC55183 BASIC APPLICATION CIRCUIT
FIGURE 15. HC55184 BASIC APPLICATION CIRCUIT
VRX
VRS
TIP
VFB
BGND
AGND
RING
VTX
-IN
BSEL
RD
RTD
CDC
ILIM
E0
F2
F1
F0
DET
ALM
HC55183
VCC
CRX
CRS
CTX
RIL
CFB
RS
RSH
CRT
RRT
CDC
U1
RP1
RP2
VCC
VBL VBH
D1
CPS1
CPS3
CPS2
VRX
VRS
TIP
VFB
BGND
AGND
RING
VTX
-IN
BSEL
RD
RTD
CDC
ILIM
E0
F2
F1
F0
DET
ALM
HC55184
VCC
CRX
CRS
CTX
RIL
CFB
RS
RSH
CRT
RRT
CDC
U1
RP1
RP2
VCC
VBL VBH
D1
CPS1
CPS3
CPS2
POL
CPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com