Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC55183ECMZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HC55183ECMZ
Description  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55183ECMZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HC55183ECMZ Datasheet HTML 4Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 5Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 6Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 7Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 8Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 9Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 10Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 11Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
HC55183, HC55184
FN4519 Rev 8.00
Page 8 of 19
August 10, 2010
Design Equations
Loop Supervision Thresholds
SWITCH HOOK DETECT
The switch hook detect threshold is set by a single external
resistor, RSH. Equation 1 is used to calculate the value of RSH.
The term ISH is the desired DC loop current threshold. The
loop current threshold programming range is from 5mA to
15mA.
GROUND KEY DETECT
The ground key detector senses a DC current imbalance
between the Tip and Ring terminals when the ring terminal is
connected to ground. The ground key detect threshold is not
externally programmable and is internally fixed to 12mA
regardless of the switch hook threshold.
RING TRIP DETECT
The ring trip detect threshold is set by a single external
resistor, RRT. IRT should be set between the peak ringing
current and the peak off hook current while still ringing.
The capacitor CRT, in parallel with RRT, will set the ring trip
response time.
Loop Current Limit
The loop current limit of the device is programmed by the
external resistor RIL. The value of RIL can be calculated using
Equation 3.
The term ILIM is the desired loop current limit. The loop current
limit programming range is from 15mA to 45mA.
Impedance Matching
The impedance of the device is programmed with the external
component RS. RS is the gain setting resistor for the feedback
amplifier that provides impedance matching. If complex
impedance matching is required, then a complex network can
be substituted for RS.
RESISTIVE IMPEDANCE SYNTHESIS
The source impedance of the device, ZO , can be calculated in
Equation 4.
The required impedance is defined by the terminating
impedance and protection resistors as shown in Equation 5.
4-WIRE TO 2-WIRE GAIN
The 4-wire to 2-wire gain is defined as the receive gain. It is a
function of the terminating impedance, synthesized impedance
and protection resistors. Equation 6 calculates the receive
gain, G42.
When the device source impedance and protection resistors
equals the terminating impedance, the receive gain equals
unity.
2-WIRE TO 4-WIRE GAIN
The 2-wire to 4-wire gain (G24) is the gain from tip and ring to the
VTX output. The transmit gain is calculated in Equation 7.
When the protection resistors are set to zero, the transmit gain
is -6dB.
TRANSHYBRID GAIN
The transhybrid gain is defined as the 4-wire to 4-wire gain
(G44).
When the protection resistors are set to zero, the transhybrid
gain is -6dB.
COMPLEX IMPEDANCE SYNTHESIS
Substituting the impedance programming resistor, RS, with a
complex programming network provides complex impedance
synthesis.
The reference designators in the programming network match
the evaluation board. The component RS has a different
design equation than the RS used for resistive impedance
synthesis. The design equations for each component are
provided in the following.
RSH
600 ISH
=
(EQ. 1)
RRT
1800 IRT
=
(EQ. 2)
RIL
1760
ILIM
-------------
=
(EQ. 3)
RS
400 ZO

=
(EQ. 4)
ZO
ZL 2RP
–
=
(EQ. 5)
G42
2
ZL
ZO + 2RP + ZL
------------------------------------------



–
=
(EQ. 6)
G24
ZO
ZO + 2RP + ZL
------------------------------------------



–
=
(EQ. 7)
G44
ZO
ZO 2RP ZL
++
---------------------------------------



–
=
(EQ. 8)
FIGURE 1. COMPLEX PROGRAMMING NETWORK
2-WIRE
NETWORK
R1
R2
C2
PROGRAMMING
NETWORK
RS
RP
CP
RS
400
R1 2RP

–

=
(EQ. 9)
RP
400 R2
=
(EQ. 10)
CP
C2 400
=
(EQ. 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com