Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC55183ECMZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HC55183ECMZ
Description  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55183ECMZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HC55183ECMZ Datasheet HTML 2Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 3Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 4Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 5Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 6Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 7Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 8Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 9Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
HC55183, HC55184
FN4519 Rev 8.00
Page 6 of 19
August 10, 2010
Electrical Specifications
Unless Otherwise Specified, TA = 0°C to 70°C , VBL = -24V, VCC = +5V, AGND = BGND = 0V, loop current
limit = 25mA. All AC Parameters are specified at 600
 2-wire terminating impedance over the frequency band
of 300Hz to 3.4kHz. Protection resistors = 0
.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RINGING PARAMETERS
(Note 2)
Ringing Voltage Open Circuit (Note 7)
THD
 0.5%
VBH = -75V
70
-
-
VPEAK
(Note 8)
-
-
-
VPEAK
Ringing Voltage Load = 1.3K (Notes 7, 9)
THD
 3.0%
VBH = -75V
70
-
-
VPEAK
(Note 8)
-
-
-
VPEAK
Tip Centering Voltage
VBH = -75V, RL = 
--
±3
V
(Note 8)
-
-
-
V
Ring Centering Voltage
VBH = -75V, RL = 
--
±3
V
(Note 8)
-
-
-
V
AC TRANSMISSION PARAMETERS
(Notes 5, 6)
2-Wire Longitudinal Balance (Notes 11, 12)
Grade E
45
53
-
dB
(Note 10)
-
-
-
dB
4-Wire Longitudinal Balance
Grade E
-
58
-
dB
(Note 10)
-
-
-
dB
2-Wire to 4-Wire Level Linearity
4-Wire to 2-Wire Level Linearity
Referenced to -10dBm
+3 to -40dBm, 1kHz
-
±0.025
-
dB
-40 to -50dBm, 1kHz
-
±0.050
-
dB
-50 to -55dBm, 1kHz
-
±0.100
-
dB
DC PARAMETERS
Loop Current Accuracy (Notes 5, 6)
IL = 25mA
-
-
± 10
%
Open Circuit Voltage (|Tip - Ring|, Note 6)
VBL = -16V
-
7.5
-
V
VBL = -24V
14
15.5
17
V
VBH = -60V, BSEL = 1
43
50
-
V
Low Power Standby Open Circuit Voltage (Tip - Ring, Note 2)
VBH = -48V
43
-
47
V
VBH = -60V, BSEL = 1
43
49
-
V
Absolute Open Circuit Voltage (Note 6)
VRG in LPS and FA
VTG in RA
VBH = -60V, BSEL = 1
--53
-56
V
--
-
--
-
TEST ACCESS FUNCTIONS
Switch On Voltage
(Note 13)
-
-
-
V
Loopback Max Battery
(Note 14)
-
-
52
V
SUPPLY CURRENTS
(Supply currents not listed are considered negligible and do not contribute significantly to total power dissipation. All
measurements made under open circuit load conditions.)
Low Power Standby (Note 2)
ICC
-3.7
6.0
mA
IBH, VBH = -75V
-
0.375
-
mA
Forward or Reverse (Note 5)
ICC
2.0
4.0
6.0
mA
IBL
-1.0
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com