Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZEPIR0BAS02MODG Datasheet(PDF) 67 Page - Zilog, Inc.

Part # ZEPIR0BAS02MODG
Description  ZMOTION짰 Detection Module II
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0BAS02MODG Datasheet(HTML) 67 Page - Zilog, Inc.

Back Button ZEPIR0BAS02MODG Datasheet HTML 63Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 64Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 65Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 66Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 67Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 68Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 69Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 70Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 71Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
PS030504-0917
Electrical Characteristics
ZMOTION® Detection Module II
Product Specification
59
Electrical Characteristics
The data in Table 11 were captured during prequalification and precharacterization testing
and are subject to change. For additional electrical characteristics, refer to the F082A
Series Product Specification (PS0228).
Table 11. Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VPOR
Power-on Reset Voltage
Threshold
2.20
2.45
2.70
V
VDD = VPOR
VVBO
Voltage Brown-Out
Reset Voltage Threshold
2.15
2.40
2.65
V
VDD = VPOR
TRAMP
Time for VDD to
transition from VSS to
VPOR to ensure valid
Reset
0.10
—
100
ms
—
TPOR
Power-On Reset Digital
Delay
—1.0
—
ms
—
VDD
Supply Voltage
2.8
—
3.6
V
—
VIL1
Low Level Input Voltage
–0.3
—
0.3*VDD
V
RXD, /RST, SLP
VIH1
High Level Input Voltage 0.7*VDD
—
5.5
V
RXD, /RST, SLP
VOL1
Low Level Output
Voltage
——
0.4
V
IOL = 2 mA; VDD = 3.0V
TXD, MD
VOL2
Low Level Output
Voltage
——
0.6
V
IOL = 20 mA; VDD = 3.3V
TXD, MD
VOH1
High Level Output
Voltage
2.4
—
—
V
IOH = –2 mA; VDD = 3.0V
TXD, MD
VOH2
High Level Output
Voltage
2.4
—
—
V
IOH = –20 mA; VDD = 3.3V
TXD, MD
IDD Active Supply Current in Active
Mode
—8.9mA
—
—
VDD = 3.3V
IDD Sleep Supply Current in Sleep
Mode
—
450µA
(Typ)
——
VDD = 3.3V
TPIR
PIR Stabilization Time
—
20
—
seconds —
ZIN
Analog Pin Input
Impedance
—
550
—
KΩ
DLY, SNS, LG
Serial Interface Inactivity
Time-out
—
2.5
—
seconds —



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com