Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZEPIR0BAS02MODG Datasheet(PDF) 19 Page - Zilog, Inc.

Part # ZEPIR0BAS02MODG
Description  ZMOTION짰 Detection Module II
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0BAS02MODG Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button ZEPIR0BAS02MODG Datasheet HTML 15Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 16Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 17Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 18Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 19Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 20Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 21Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 22Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
PS030504-0917
Serial Interface Mode
ZMOTION® Detection Module II
Product Specification
11
Sleep Mode in Hardware Interface Mode
For applications in which motion detection is not always required, the Sleep signal can be
used to put the device into a low-power mode. The advantage of this feature vs. removing
power from the Module is that the PIR stabilization time is much shorter.
If the Sleep (SLP) input signal is driven Low, the device enters a low-power Sleep Mode
and is awakened by deactivating the signal (driving the signal High).
Serial Interface Mode
Serial Interface Mode is implemented as a superset of the features available in Hardware
Interface Mode. The interfacing device (Host) has an expanded feature set and more flexi-
bility with many of those features. The interface is designed to be simple to implement on
the host processor and use as few resources as possible.
This mode of operation is selected when the SNS pin is above 2.5V during power ON (or
after a reset caused by VBO). Typically this signal is tied to VDD through a pull-up resistor.
After Serial Interface Mode has been established, this pin becomes the Transmit Data
(TXD) output and is used to send responses to commands given to the device.
The serial interface is asynchronous and is set to:
• 9600 baud
• No parity
• 8 data bits
• 1 stop bit
• No flow control
In Serial Interface Mode, commands are sent to the device over the RXD input pin and
responses are sent from the device over the TXD output pin. The other signals on the
device (MD, LG, SLP) remain active in Serial Interface Mode.
Motion Detect (MD) output is driven active for the time set by the Output Activation Time
command when motion is detected. The signal is also gated by the Light Gate (LG) input.
For an example of how to use ZDMII in Serial Interface Mode, see Appendix B. Hard-
ware Interface Mode on page 63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com