Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZEPIR0BAS02MODG Datasheet(PDF) 24 Page - Zilog, Inc.

Part # ZEPIR0BAS02MODG
Description  ZMOTION짰 Detection Module II
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0BAS02MODG Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button ZEPIR0BAS02MODG Datasheet HTML 20Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 21Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 22Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 23Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 24Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 25Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 26Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 27Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
PS030504-0917
Serial Commands
ZMOTION® Detection Module II
Product Specification
16
0x5A–'Z'
Sleep Mode
'1', '2', '3',
'4'
0x76–'v'
Read Single Directional
Mode
'A', '+', '
–'
[A]
0x61–'a'
Read Motion Status
‘Y’, ‘N’,
‘U’
0x56–'V'
Write Single Directional
Mode
'A', '+', '
–'
0x62–'b’
Read Current Light Gate
Input Level
0–255
0x79–'y'
Read Sleep Time
0–255
[0]
0x63–'c'
Read MD/RST Pin
Configuration
'M', 'R'
[R]
Table 3. Summary of Serial Interface Commands (Continued)
Command Name
Value
[Default]
Command Name
Value
[Default]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com