Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZEPIR0BAS02MODG Datasheet(PDF) 18 Page - Zilog, Inc.

Part # ZEPIR0BAS02MODG
Description  ZMOTION짰 Detection Module II
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0BAS02MODG Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button ZEPIR0BAS02MODG Datasheet HTML 14Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 15Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 16Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 17Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 18Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 19Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 20Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 21Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
PS030504-0917
Operation
ZMOTION® Detection Module II
Product Specification
10
Operation
When power is applied, the TXD/SNS pin is sampled to determine the mode of operation.
If the signal is above 2.5V, Serial Interface Mode is entered. If the signal is between 0V
and 1.8V Hardware Interface Mode is entered. During this time, the pyroelectric sensor is
monitored, and the device waits for it to stabilize. After this stabilization period is com-
plete, the device starts normal operation in the selected mode. In Hardware Interface
Mode, the DLY, SNS, LG and SLP signals are sampled regularly. In Serial Interface
Mode, TXD/RXD are used to communicate with the device and LG, SLP and MD also
provide their defined functions.
Hardware Interface Mode
This mode of operation is selected when the SNS pin is at a value between 0V and 1.8V
during power ON (or after a reset caused by VBO). After Hardware Interface Mode has
been established, this pin becomes the sensitivity input and accepts a voltage between 0V
and 1.8V to set the motion detection sensitivity level.
• 0V = highest sensitivity
• 1.8V = lowest sensitivity
These sensitivity levels are normally achieved with a simple resistor divider or potentio-
meter resistor divider.
After application of power, the PIR sensor is allowed to stabilize. At this point, the MCU
waits for the PIR sensor to stabilize; this period is typically 20 seconds but varies depend-
ing on environmental conditions. The software dynamically monitors the pyroelectric sen-
sor during power up and begins detecting motion as soon as the sensor is stable.
The MD (Motion Detect) pin is driven active (Low) when motion is detected. The dura-
tion in which the signal remains active is determined by the voltage on the delay pin and
can be set to a value between 2 seconds and 15 minutes. See Table 2 on page 5.
The Light Gate signal acts as a disable (gate) for the MD signal. In a typical application,
this signal is a representation of the ambient light in the environment. If there is light
detected, the MD signal does not activate, even in the presence of motion. For an example
showing how to use ZDMII in Hardware Interface Mode, see Appendix B. Hardware
Interface Mode on page 63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com