Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZEPIR0BAS02MODG Datasheet(PDF) 20 Page - Zilog, Inc.

Part # ZEPIR0BAS02MODG
Description  ZMOTION짰 Detection Module II
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0BAS02MODG Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button ZEPIR0BAS02MODG Datasheet HTML 16Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 17Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 18Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 19Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 20Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 21Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 22Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 23Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 24Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
PS030504-0917
Serial Interface Mode
ZMOTION® Detection Module II
Product Specification
12
Sleep Mode in Serial Interface Mode
For applications in which motion detection is not always required, the Sleep signal can be
used to put the device into a low-power mode. The advantage of this feature vs. removing
power from the Module is that the PIR stabilization time is much shorter.
If the Sleep (SLP) input signal is driven Low, the device enters a low-power Sleep Mode
and is awakened by either deactivating the signal (driving the signal High) or sending a
character over the serial interface; the character is received and processed.
Serial Interface Commands and Description
The Serial Interface operates as a Host/Client relationship in which the Module is the cli-
ent. Commands are sent from the Host and the Module responds with the requested infor-
mation or confirmation. The only exception is when the Module is configured for MD
Unsolicited operation. In this mode, the Module will send Motion Detected information
without first receiving a command from the host. All commands sent to ZDMII are in
ASCII character format; however, the data sent to and from the Module may be in ASCII
or decimal formats.
There are three types of command structures accepted by ZDMII; each is described in this
section.
• Read commands
• Write commands
• Confirmation commands
Read Command Structure
Read commands are used to request information from ZDMII, and are sent from the Host.
The Module responds with the requested data.
• All Read commands are initiated by single lower-case letters.
• When a Read command is received, the Module returns the applicable value, as de-
scribed in the Serial Commands chapter on page 15. See the example in Figure 5.
Figure 5. Read Command Structure
Command
Response
Host
ZDM II Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com