Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZEPIR0BAS02MODG Datasheet(PDF) 14 Page - Zilog, Inc.

Part # ZEPIR0BAS02MODG
Description  ZMOTION짰 Detection Module II
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0BAS02MODG Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button ZEPIR0BAS02MODG Datasheet HTML 10Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 11Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 12Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 13Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 14Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 15Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 16Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 17Page - Zilog, Inc. ZEPIR0BAS02MODG Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
PS030504-0917
Signal Descriptions, Serial Interface Mode
ZMOTION® Detection Module II
Product Specification
6
Motion Detect
An active Low output, Pin 5 (MD) is activated when motion is detected. The duration in
which this signal remains active is set by the DLY signal. This signal is actively driven
High.
• 0 = motion detected
• 1 = no motion detected
Light Gate
A high-impedance analog input, Pin 6 (LG), should be provided with a voltage that is pro-
portional to the amount of ambient light in the environment (typically provided via a CDS
photocell or similar circuit). The signal is used internally to gate the MD output signal
such that it does not activate in the presence of daytime ambient light. When the voltage
on this pin is lower than 1.0V, the MD signal will not activate even when motion is
detected. If MD is in an active state when LG transitions below 1.0V, the current DLY
duration is completed before MD is deactivated. If LG is unused, connect to VDD.
• GND to 1.0V = MD does not activate when motion is detected
• 1.0V to VDD = MD is activated when motion is detected
Sleep Mode
Pin 7 (SLP) is an active Low digital input. When at logic 0, the Module enters low-power
Sleep Mode. The Module does not detect any motion and MD is driven inactive. When
SLP is at logic 1, the Module exits Sleep Mode and begins detecting motion. This signal
must be held at logic 1 during power ON.
• 0 = module disabled; low-power Sleep Mode is active
• 1 = normal operation
Signal Descriptions, Serial Interface Mode
This section describes the signals for operating in Serial Interface Mode.
Ground
Both Pin 1 and Pin 8 ground (GND) signals are tied together on the ZDMII Module and
are connected to power ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com