Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TE28F320B3BC90 Datasheet(PDF) 15 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 15 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 11Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 12Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 13Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 14Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 15Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 16Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 17Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 18Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
3UHOLPLQDU\
9
If RP# is taken low for time tPLPH during a program or erase operation, the operation will be
aborted and the memory contents at the aborted location (for a program) or block (for an erase) are
no longer valid, since the data may be partially erased or written. The abort process goes through
the following sequence: When RP# goes low, the device shuts down the operation in progress, a
process which takes time tPLRH to complete. After this time tPLRH, the part will either reset to read
array mode (if RP# has gone high during tPLRH, Figure 9B) or enter reset mode (if RP# is still logic
low after tPLRH, Figure 9C). In both cases, after returning from an aborted operation, the relevant
time tPHQV or tPHWL/tPHEL must be waited before a read or write operation is initiated, as
discussed in the previous paragraph. However, in this case, these delays are referenced to the end
of tPLRH rather than when RP# goes high.
As with any automated device, it is important to assert RP# during system reset. When the system
comes out of reset, processor expects to read from the flash memory. Automated flash memories
provide status information when read during program or block erase operations. If a CPU reset
occurs with no flash memory reset, proper CPU initialization may not occur because the flash
memory may be providing status information instead of array data. Intel
® Flash memories allow
proper CPU initialization following a system reset through the use of the RP# input. In this
application, RP# is controlled by the same RESET# signal that resets the system CPU.
3.1.5
Write
A write takes place when both CE# and WE# are low and OE# is high. Commands are written to
the Command User Interface (CUI) using standard microprocessor write timings to control flash
operations. The CUI does not occupy an addressable memory location. The address and data buses
are latched on the rising edge of the second WE# or CE# pulse, whichever occurs first. Figure 8
illustrates a program and erase operation. The available commands are shown in Table 6, and
Appendix A provides detailed information on moving between the different modes of operation
using CUI commands.
There are two commands that modify array data: Program (40H) and Erase (20H). Writing either of
these commands to the internal Command User Interface (CUI) initiates a sequence of internally-
timed functions that culminate in the completion of the requested task (unless that operation is
aborted by either RP# being driven to VIL for tPLRH or an appropriate suspend command).
3.2
Modes of Operation
The flash memory has four read modes and two write modes. The read modes are read array, read
identifier, read status and read query (see Appendix B). The write modes are program and block
erase. Three additional modes (erase suspend to program, erase suspend to read and program
suspend to read) are available only during suspended operations. These modes are reached using
the commands summarized in Table 4. A comprehensive chart showing the state transitions is in
Appendix A.
3.2.1
Read Array
When RP# transitions from VIL (reset) to VIH, the device defaults to read array mode and will
respond to the read control inputs (CE#, address inputs, and OE#) without any additional CUI
commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com