Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TE28F320B3BC90 Datasheet(PDF) 25 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 25 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 21Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 22Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 23Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 24Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 25Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 26Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 27Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 28Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
3UHOLPLQDU\
19
4.2
Operating Conditions
NOTES:
1. VCC1, VCCQ1, and VPP3 must share the same supply when all three are between 2.7 V and 3.6 V.
2. VCCMax is 3.3 V on 0.25µm 32-Mbit devices.
3. During read operations or idle time, 5 V may be applied to VPP indefinitely. VPP must be at valid levels for
program and erase operations
4. Applying VPP = 11.4 V–12.6 V during a program/erase can only be done for a maximum of 1000 cycles on
the main blocks and 2500 cycles on the parameter blocks. VPP may be connected to 12 V for a total of
80 hours maximum. See Section 3.4 for details.
4.3
Capacitance
TA = 25 °C, f = 1 MHz
NOTE: Sampled, not 100% tested.
Symbol
Parameter
Notes
Min
Max
Units
TA
Operating Temperature
–40
+85
°C
VCC1
VCC Supply Voltage
1, 2
2.7
3.6
Volts
VCC2
2.7
2.85
VCC3
2.7
3.3
VCCQ1
I/O Supply Voltage
12.7
3.6
Volts
VCCQ2
1.65
2.5
VCCQ3
1.8
2.5
VPP1
Program and Erase Voltage
12.7
3.6
Volts
VPP2
2.7
2.85
VPP3
2.7
3.3
VPP4
3, 4
11.4
12.6
Cycling
Block Erase Cycling
4
100,000
Cycles
Sym
Parameter
Notes
Typ
Max
Units
Conditions
CIN
Input Capacitance
1
6
8
pF
VIN = 0 V
COUT
Output Capacitance
1
10
12
pF
VOUT = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com